Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2737 Datasheet (PDF) - Vishay Siliconix

DG2737 Datasheet PDF - Vishay Siliconix
Part # DG2737
Download  DG2737 Download
File Size   189.06 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6-Ω, Low Voltage, Dual SPST Analog Switch

DG2737 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2737 Datasheet PDF - Vishay Siliconix

Part # DG2737
Download  DG2737 Click to download

File Size   189.06 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 6-Ω, Low Voltage, Dual SPST Analog Switch

DG2737 Datasheet (HTML) - Vishay Siliconix


DG2737 Product details

FEATURES
• Voltage range: 2.3 V to 4.3 V
• Low on-resistance: 6 Ω typ. at 3 V
• - 48 dB crosstalk at 240 MHz
• Low power consumption
• Ultra small miniQFN8 package of 1.4 x 1.4 x 0.55 mm
• > 300 mA latch up current per JESD78
• Switch exceeds 5 kV ESD/HBM

DESCRIPTION
The DG2737, DG2738 and DG2739 are high performance,
low on-resistance analog switches of dual SPST
configuration.
Built on Vishay Siliconix's sub-micro CMOS technology, the
DG2737, DG2738, DG2739 achieve switch on-resistance of
6 Ω at 3 V V+. Its - 3 dB bandwidth is typically 720 MHz.
It can switch signals with amplitudes of up to VCC to be
transmitted in either direction.
Combining low power, high speed, low on-resistance and
small physical size, the DG2737, DG2738, DG2739 are ideal
for portable and battery powered applications requiring high
performance and efficient use of board space.
The DG2737, DG2738, DG2739 come in a small miniQFN-8
lead package (1.4 x 1.4 x 0.55 mm). As a committed partner
to the community and the environment, Vishay Siliconix
manufactures this product with the lead (Pb)-free device
terminations and is 100 % RoHS compliant.




Similar Part No. - DG2737

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2737DN-T1-E4 VISHAY-DG2737DN-T1-E4 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
More results


Similar Description - DG2737

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com