Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2751 Datasheet (PDF) - Vishay Siliconix

DG2751 Datasheet PDF - Vishay Siliconix
Part # DG2751
Download  DG2751 Download
File Size   164.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.39 Ω, Low-RON, Ultra-Low Distortion, Compact DPDT Analog Switch

DG2751 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2751 Datasheet PDF - Vishay Siliconix

Part # DG2751
Download  DG2751 Click to download

File Size   164.2 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.39 Ω, Low-RON, Ultra-Low Distortion, Compact DPDT Analog Switch

DG2751 Datasheet (HTML) - Vishay Siliconix


DG2751 Product details

FEATURES
• 2.3 V to 5.5 V single supply operation
• Low resistance: 0.39 Ω / typ. at 2.7 V
• Highly flat and matched RON
• Low parasitic capacitance, CON = 31 pF,
COFF = 30 pF
• High bandwidth: 290 MHz
• Guaranteed logic high 1.2 V, logic low 0.3 V
• Break before make switching
• Signal swing over V+ capable
• Power down protection
• Latch up current: 300 mA (JESD78)
• ESD/HBM: > 8 kV
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Applications
• Smart phones
• Tablets
• Portable media players
• Headphones
• Audio / video equipment
• Low-distortion signal switches
• Digital cameras
• Docking devices

BENEFITS
• Low and flat resistance
• Excellent total harmonic distortion

DESCRIPTION
The DG2751 is a compact, low resistance, ultra-low
distortion double pole double throw (DPST) analog switch.
The DG2751 features a flat 0.39 Ω ON resistance over the
analog signal range from (V+) - 5.5 V to V+, supporting
bi-directional negative signal swing. The design brings
superior signal fidelity by eliminating the distortion caused
by double hump switch resistance character of conventional
analog switches.
The DG2751 operates over a voltage range from 3 V to
5.5 V. Because of its low current consumption, it can be
powered directly by a GPIO. When V+ power is off, all switch
pins are of high impedance mode.
Shunt switches are integrated at normally close (NOn)
channels to discharge the AC-coupling capacitance at the
terminals.
The part is controlled by a single bit, S, which can interface
with 1.2 V low voltage I/O. Switch ON/OFF is of
break-before-make (BBM).
The DG2751 is available in ultra-compact 1.2 mm x 1.2 mm,
9-bump WCSP package, and operate over the -40 °C to
+85 °C extended temperature range.
• Low parasitic capacitance
• Low voltage control interface




Similar Part No. - DG2751

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750 VISHAY-DG2750 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
DG2750DN1-T1-GE4 VISHAY-DG2750DN1-T1-GE4 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
More results


Similar Description - DG2751

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699 Datasheet
80Kb / 10P
Dual DPDT Ultra-Low RON Switch
October, 2004 ??Rev. 0
logo
Vishay Siliconix
DG2015 VISHAY-DG2015 Datasheet
58Kb / 6P
Low-Voltage, Low rON, Dual DPDT Analog Switch
03-Mar-03
logo
ON Semiconductor
NLAS3699 ONSEMI-NLAS3699_05 Datasheet
97Kb / 10P
Dual DPDT Ultra-Low RON Switch
October, 2005 ??Rev. 3
logo
Vishay Siliconix
DG3015 VISHAY-DG3015 Datasheet
116Kb / 8P
Low-Voltage, Low rON, Dual DPDT Analog Switch
30-Apr-07
DG2015 VISHAY-DG2015_11 Datasheet
175Kb / 10P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
DG2017 VISHAY-DG2017_11 Datasheet
188Kb / 11P
Low-Voltage, Low RON, Dual DPDT Analog Switch
13-Jun-11
logo
Union Semiconductor, In...
UM3699A UNIONSEMI-UM3699A Datasheet
341Kb / 11P
Dual DPDT Ultra-Low RON Analog Switch
logo
ON Semiconductor
NLAS3799B ONSEMI-NLAS3799B_08 Datasheet
177Kb / 12P
Dual DPDT Ultra-Low RON Switch
July, 2008 ??Rev. 3
logo
Vishay Siliconix
DG2017 VISHAY-DG2017_V01 Datasheet
143Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
27-May-13
DG3015 VISHAY-DG3015_V01 Datasheet
168Kb / 9P
Low-Voltage, Low RON, Dual DPDT Analog Switch
30-Apr-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com