Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK115 Datasheet (PDF) - M.S. Kennedy Corporation

MSK115 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK115
Download  MSK115 Download
File Size   198.94 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description POWER OPERATIONAL AMPLIFIER

MSK115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK115 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK115
Download  MSK115 Click to download

File Size   198.94 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description POWER OPERATIONAL AMPLIFIER

MSK115 Datasheet (HTML) - M.S. Kennedy Corporation


MSK115 Product details

DESCRIPTION:
The MSK 115 is a High Power Operational Amplifier. Due to the extremely low thermal resistance from the transistor junctions to the case, the MSK 115 can dissipate extreme amounts of power at a case temperature of 125°C. The amplifier is packaged in a hermetic plug in power package with bolt down tabs.

FEATURES:
• High Output Current - 15A peak
• Ultra Low Thermal Resistance - 0.43°C/W
• Excellent Linearity - Class A/B Output
• Wide Supply Range - –10V to –50V
• High Power Dissipation - 175W at TC=125°C
• Output Short Circuit Protected
• User Programmable Current Limit
• Isolated Case Allows Direct Heat Sinking
• Low Quiescent Current -–22mA. Typ

TYPICAL APPLICATIONS
• Magnetic Deflection Circuit Driver
• Programmable Power Supplies
• Motor, Valve and Actuator Control
• Audio Amplifier




Similar Part No. - MSK115

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK115 ANAREN-MSK115 Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
MSK115B ANAREN-MSK115B Datasheet
378Kb / 7P
HIGH POWER OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK115 MSK-MSK115_15 Datasheet
378Kb / 7P
Excellent Linearity - Class A/B Output
More results


Similar Description - MSK115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com