Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3408 Datasheet (PDF) - Vishay Siliconix

DG3408 Datasheet PDF - Vishay Siliconix
Part # DG3408
Download  DG3408 Download
File Size   215.29 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers

DG3408 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3408 Datasheet PDF - Vishay Siliconix

Part # DG3408
Download  DG3408 Click to download

File Size   215.29 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers

DG3408 Datasheet (HTML) - Vishay Siliconix


DG3408 Product details

FEATURES
• 2.7 V to 12 V single supply or ± 3 to ± 6 V
dual supply operation
• Low on-resistance - RON: 3.9 Ω typ.
• Fast switching: tON - 42 ns, tOFF - 24 ns
• Break-before-make guaranteed
• Low leakage
• TTL, CMOS, LV logic (3 V) compatible
• 2000 V ESD protection (HBM)
• MICRO FOOT® package
• Lead (Pb)-free solder bumps
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• High accuracy
• Single and dual power rail capacity
• Wide operating voltage range
• Simple logic interface

APPLICATIONS
• Data acquisition systems
• Battery operated equipment
• Portable test equipment
• Sample and hold circuits
• Communication systems
• SDSL, DSLAM
• Audio and video signal routing

DESCRIPTION
The DG3408, DG3409 uses BiCMOS wafer fabrication
technology that allows the DG3408/3409 to operate on
single and dual supplies. Single supply voltage ranges from
3 V to 12 V while dual supply operation is recommended
with ± 3 V to ± 6 V.
The DG3408 is an 8-channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address
(A0, A1, A2). The DG3409 is a dual 4-channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined by
its 2-bit binary address (A0, A1). Break-before-make
switching action to protect against momentary crosstalk
between adjacent channels.




Similar Part No. - DG3408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG3408 VISHAY-DG3408 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG3408DB VISHAY-DG3408DB Datasheet
12Kb / 1P
Device Orientation-MICRO FOOT Packages
04-Jun-04
DG3408DB-T2-E1 VISHAY-DG3408DB-T2-E1 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG3408DB-T2-E1 VISHAY-DG3408DB-T2-E1 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
More results


Similar Description - DG3408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com