Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG417LDY Datasheet (PDF) - Vishay Siliconix

DG417LDY Datasheet PDF - Vishay Siliconix
Part # DG417LDY
Download  DG417LDY Download
File Size   265.01 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Low-Voltage CMOS Analog Switches

DG417LDY Datasheet (PDF)

Go To PDF Page Download Datasheet
DG417LDY Datasheet PDF - Vishay Siliconix

Part # DG417LDY
Download  DG417LDY Click to download

File Size   265.01 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision Monolithic Low-Voltage CMOS Analog Switches

DG417LDY Datasheet (HTML) - Vishay Siliconix


DG417LDY Product details

FEATURES
• 2.7 V- thru 12 V single supply or ± 3- thru
± 6 dual supply
• On-resistance - R ON: 14 Ω
• Fast switching - t ON: 28 ns
- tOFF: 13 ns
• TTL, CMOS compatible
• Low leakage: < 100 pA
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Precision automatic test equipment
• Precision data acquisition
• Communication systems
• Battery powered systems
• Computer peripherals
• SDSL, DSLAM
• Audio and video signal routing

BENEFITS
• Widest dynamic range
• Low signal errors and distortion
• Break-before-make switching action
• Simple interfacing

DESCRIPTION
The DG417L, DG418L, DG419L are low voltage pin-for-pin
compatible companion devices to the industry standard
DG417, DG418, DG419 with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG417L, DG418L, DG419L to operate on single and dual
supplies. Single supply voltage ranges from 3 V to 12 V while
dual supply operation is recommended with ± 3 V to ± 6 V.
Combining high speed (tON: 28 ns), flat RON over the analog
signal range (6 Ω), minimal insertion lose (up to 100 MHz),
and excellent crosstalk and off-isolation performance
(- 70 dB at 1 MHz), the DG417L, DG418L, DG419L are
ideally suited for audio and video signal switching.
The DG417L and DG418L respond to opposite control logic
as shown in the truth table. The DG419L has an SPDT
configuration.




Similar Part No. - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG417LDY VISHAY-DG417LDY Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
logo
Maxim Integrated Produc...
DG417LDY MAXIM-DG417LDY Datasheet
325Kb / 13P
35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
logo
Vishay Siliconix
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
More results


Similar Description - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
26-Aug-02
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
25-Jun-07
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
Precision Monolithic Low-Voltage CMOS Analog Switches
14-May-07
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
17-Mar-03
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
Precision Monolithic Low-Voltage CMOS Analog Switches
25-Apr-11
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
30-May-11
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
07-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com