Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG449 Datasheet (PDF) - Vishay Siliconix

DG449 Datasheet PDF - Vishay Siliconix
Part # DG449
Download  DG449 Download
File Size   168.81 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Single SPDT Analog Switch in SOT23-8

DG449 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG449 Datasheet PDF - Vishay Siliconix

Part # DG449
Download  DG449 Click to download

File Size   168.81 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Single SPDT Analog Switch in SOT23-8

DG449 Datasheet (HTML) - Vishay Siliconix


DG449 Product details

FEATURES
• ± 15 V analog signal range
• On-resistance - RDS(on): 38 Ωmax.
• VL logic supply not required
• TTL CMOS input compatible
• Rail to rail signal handling
• Dual or single supply operation

BENEFITS
• Wide dynamic range
• Low signal errors and distortion
• Break-before-make switching action
• Simple interfacing
• Small SOT23-8ld package; reduced board space
• Improved reliability

APPLICATIONS
• Precision test equipment
• Precision instrumentation
• Communications systems
• PBX, PABX systems
• Audio equipment
• Redundant systems
• PC multimedia boards
• Hard disc drives

DESCRIPTION
The DG449 is a dual supply single-pole/double-throw
(SPDT) switches. On resistance is 38 Ω and flatness is 2.6 Ω
max over the specified analog signal range. These analog
switches were designed to provide high speed, low error
switching of precision analog signals. The primary
application areas are in the routing and switching in
telecommunications and test equipment. Combining low
power, low leakages, low on-resistance and small physical
size, the DG449 is also ideally suited for portable and battery
powered industrial and military equipment.
The DG449 operates either from a single + 7 V to 36 V
supply or from dual ± 4.5 V to ± 20 V supplies. It is offered in
the very popular, small SOT23-8 package.




Similar Part No. - DG449

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG449 VISHAY-DG449 Datasheet
150Kb / 9P
High Voltage Single SPDT Analog Switch in SOT23-8
22-May-06
DG449 VISHAY-DG449 Datasheet
164Kb / 10P
High Voltage Single SPDT Analog Switch in SOT23-8
24-Jan-11
DG449DS-T1-E3 VISHAY-DG449DS-T1-E3 Datasheet
150Kb / 9P
High Voltage Single SPDT Analog Switch in SOT23-8
22-May-06
DG449 VISHAY-DG449_11 Datasheet
164Kb / 10P
High Voltage Single SPDT Analog Switch in SOT23-8
24-Jan-11
More results


Similar Description - DG449

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4649 MAXIM-MAX4649 Datasheet
207Kb / 10P
45?? SPDT Analog Switch in SOT23-8
Rev 0; 2/01
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG449 VISHAY-DG449 Datasheet
150Kb / 9P
High Voltage Single SPDT Analog Switch in SOT23-8
22-May-06
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG449 VISHAY-DG449_11 Datasheet
164Kb / 10P
High Voltage Single SPDT Analog Switch in SOT23-8
24-Jan-11
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com