Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG506B Datasheet (PDF) - Vishay Siliconix

DG506B Datasheet PDF - Vishay Siliconix
Part # DG506B
Download  DG506B Download
File Size   298.15 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers

DG506B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG506B Datasheet PDF - Vishay Siliconix

Part # DG506B
Download  DG506B Click to download

File Size   298.15 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers

DG506B Datasheet (HTML) - Vishay Siliconix


DG506B Product details

FEATURES
• Operate with single or dual power supply
• V+ to V- analog signal swing range
• 44 V power supply maximum rating
• Extended operate temperature range:
-40 °C to +125 °C
• Low leakage typically < 3 pA
• Low charge injection - QINJ = 1 pC
• Low power - ISUPPLY: 5 μA
• TTL compatible logic
• > 250 mA latch up current per JESD78
• Available in SOIC28 and TSSOP28 packages
• Superior alternative to:
- ADG506A, DG506A, HI-506
- ADG507A, DG507A, HI-507
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

BENEFITS
• Reduced switching errors
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges (± 5 V to ± 20 V)

APPLICATIONS
• Data acquisition systems
• Audio and video signal routing
• ATE systems
• Medical instrumentation

DESCRIPTION
The DG506B and DG507B are high performance analog
multiplexers. Their ultra-low switch charge injection, low
channel capacitance, and low leakage level allows them to
achieve superior switching performance. The DG506B is a
16-channel single-ended analog multiplexer designed to
connect one of sixteen inputs to a common output as
determined by a 4-bit binary address (A0, A1, A2, A3). The
DG507B is a dual 8-channel differential analog multiplexer
designed to connect one of eight differential inputs to a
common dual output as determined by its 3-bit binary
address (A0, A1, A2). Break-before-make switching action
protects against momentary crosstalk between adjacent
channels.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, addresses
(Ax) and enable (EN) are TTL compatible over the full
specified operating temperature range.
The DG506B and DG507B are fabricated on an enhanced
SG-II CMOS process that achieves improved performance
on: reduced charge injection, lower device leakage, and
minimized parasitic capacitance.
As the DG506, DG507 has a long history in the industry with
many suppliers offering copies, and in some cases improved
variations, with the best in class improvements, the Vishay
Siliconix new version of the DG506B, DG507B are the
superior alternatives to what is currently available.
Applications for the DG506B, DG507B include high speed
and high precision data acquisition, audio signal switching
and routing, ATE systems, and avionics. High performance
and low power dissipation make them ideal for battery
operated and remote instrumentation applications.
The DG506B and DG507B have the absolute maximum
voltage rating extended to 44 V. Additionally, single supply
operation is also allowed. An epitaxial layer prevents
latch-up.
The DG506B and DG507B are both available in 28-lead
SOIC and TSSOP package options with extended
temperature range of -40 °C to +125 °C.
For more information, refer to Vishay Siliconix DG506B,
DG507B evaluation board note.




Similar Part No. - DG506B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG506BEN-T1-GE3 VISHAY-DG506BEN-T1-GE3 Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG506BEQ-T1-GE3 VISHAY-DG506BEQ-T1-GE3 Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG506BEW-T1-GE3 VISHAY-DG506BEW-T1-GE3 Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
More results


Similar Description - DG506B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com