Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG604 Datasheet (PDF) - Vishay Siliconix

DG604 Datasheet PDF - Vishay Siliconix
Part # DG604
Download  DG604 Download
File Size   242.92 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer

DG604 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG604 Datasheet PDF - Vishay Siliconix

Part # DG604
Download  DG604 Click to download

File Size   242.92 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer

DG604 Datasheet (HTML) - Vishay Siliconix


DG604 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• Ultra low charge injection
(± 1 pC, typ. over the full analog signal range)
• Leakage current < 0.5 nA max. at 85 °C
(for DG604EQ-T1-E3)
• Low switch capacitance (Csoff, 3 pF typ.)
• Low RDS(on) - 115 Ω max.
• Fully specified with single supply operation at 3 V, 5 V
and dual supplies at ± 5 V
• Low voltage, 2.5 V CMOS/TTL compatible
• 400 MHz, - 3 dB bandwidth
• Excellent isolation and crosstalk performance
(typ. > - 60 dB at 10 MHz)
• Fully specified from - 40 °C to 85 °C and - 40 °C to + 125 °C
• 14 pin TSSOP and 16 pin miniQFN package
(1.8 mm x 2.6 mm)
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• High-end data acquisition
• Medical instruments
• Precision instruments
• High speed communications applications
• Automated test equipment
• Sample and hold applications

DESCRIPTION
The DG604 is an analog 4-channel CMOS, multiplexer,
designed to operate from a + 2.7 V to + 12 V single supply or
from ± 2.7 V to ± 5 V, dual supplies. The DG604 is fully
specified at + 3 V, + 5 V and ± 5 V. All control logic inputs have
guaranteed 2 V logic high limits when operating from + 5 V or
± 5 V supplies and 1.4 V when operating from a 3 V supply.
The DG604 switches conduct equally well in both directions
and offer rail to rail analog signal handling. < 1 pC low charge
injection, coupled with very low switch capacitance and
leakage current makes this product ideal for use in precision
instrumentation applications. Operating temperature range is
specified from - 40 °C to + 125 °C. The DG604 is available in
14 lead TSSOP and the space saving 1.8 mm x 2.6 mm
miniQFN package.




Similar Part No. - DG604

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604 VISHAY-DG604 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
logo
TOKO, Inc
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
Low Profile (H 4.5mm Max).
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
Ferrite Inductors
logo
Vishay Siliconix
DG604E VISHAY-DG604E Datasheet
273Kb / 17P
The DG604E operating temperature range is specified from
17-Jul-17
More results


Similar Description - DG604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG604 AD-ADG604 Datasheet
155Kb / 12P
1 pC Charge Injection, 100 pA Leakage CMOS 짹5 V/5 V/3 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
24-Dec-07
DG604 VISHAY-DG604_11 Datasheet
215Kb / 12P
1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
18-Jul-11
logo
Analog Devices
ADG604 AD-ADG604_15 Datasheet
162Kb / 12P
1 pC Charge Injection, 100 pA Leakage
REV. 0
ADG611 AD-ADG611_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG612 AD-ADG612_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG613 AD-ADG613_15 Datasheet
361Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. A
ADG636 AD-ADG636_15 Datasheet
498Kb / 16P
1 pC Charge Injection, 100 pA Leakage
REV. B
logo
Vishay Siliconix
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com