Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG611 Datasheet (PDF) - Vishay Siliconix

DG611 Datasheet PDF - Vishay Siliconix
Part # DG611
Download  DG611 Download
File Size   187.35 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed, Low-Glitch D/CMOS Analog Switches

DG611 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG611 Datasheet PDF - Vishay Siliconix

Part # DG611
Download  DG611 Click to download

File Size   187.35 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Speed, Low-Glitch D/CMOS Analog Switches

DG611 Datasheet (HTML) - Vishay Siliconix


DG611 Product details

FEATURES
• Fast switching - tON: 12 ns
• Low charge injection: ± 2 pC
• Wide bandwidth: 500 MHz
• 5 V CMOS logic compatible
• Low RDS(on): 18 Ω
• Low quiescent power : 1.2 nW
• Single supply operation

BENEFITS
• Improved data throughput
• Minimal switching transients
• Improved system performance
• Easily interfaced
• Low insertion loss
• Minimal power consumption

APPLICATIONS
• Fast sample-and-holds
• Synchronous demodulators
• Pixel-rate video switching
• Disk/tape drives
• DAC deglitching
• Switched capacitor filters
• GaAs FET drivers
• Satellite receivers

DESCRIPTION
The DG611, DG612, DG613 feature high-speed lowcapacitance
lateral DMOS switches. Charge injection has
been minimized to optimize performance in fast sample-andhold
applications.
Each switch conducts equally well in both directions when on
and blocks up to 16 Vp-p when off. Capacitances have been
minimized to ensure fast switching and low-glitch energy. To
achieve such fast and clean switching performance, the
DG611, DG612, DG613 are built on the Vishay Siliconix
proprietary D/CMOS process. This process combines
n-channel DMOS switching FETs with low-power CMOS
control logic and drivers. An epitaxial layer prevents latchup.
The DG611 and DG612 differ only in that they respond to
opposite logic levels. The versatile DG613 has two normally
open and two normally closed switches. It can be given
various configurations, including four SPST, two SPDT, one
DPDT.
For additional information see Applications Note AN207.




Similar Part No. - DG611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
High-Speed, Low-Glitch D/CMOS Analog Switches
13-Sep-99
DG611 VISHAY-DG611 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG611 VISHAY-DG611 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
04-Feb-08
DG611A VISHAY-DG611A Datasheet
240Kb / 15P
1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
30-May-11
More results


Similar Description - DG611

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
High-Speed, Low-Glitch D/CMOS Analog Switches
13-Sep-99
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
26-Aug-02
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
29-Sep-08
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
18-Jul-11
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
Precision Low-Voltage, Low-Glitch CMOS Analog Switches
08-Dec-14
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com