Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG641 Datasheet (PDF) - Vishay Siliconix

DG641 Datasheet PDF - Vishay Siliconix
Part # DG641
Download  DG641 Download
File Size   260.01 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low On-Resistance Wideband/Video Switches

DG641 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG641 Datasheet PDF - Vishay Siliconix

Part # DG641
Download  DG641 Click to download

File Size   260.01 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low On-Resistance Wideband/Video Switches

DG641 Datasheet (HTML) - Vishay Siliconix


DG641 Product details

FEATURES
• Wide bandwidth: 500 MHz
• Low crosstalk at 5 MHz: - 85 dB
• Low RDS(on): 5 Ω, DG642
• TTL logic compatible
• Fast switching: tON 50 ns
• Single supply compatibility
• High current: 100 mA, DG642

BENEFITS
• High precision
• Improved frequency response
• Low insertion loss
• Improved system performance
• Reduced board space
• Low power consumption

APPLICATIONS
• RF and video switching
• RGB switching
• Video routing
• Cellular communications
• ATE
• Radar/FLIR systems
• Satellite receivers
• Programmable filters

DESCRIPTION
The DG641, DG642, DG643 are high performance
monolithic video switches designed for switching wide
bandwidth analog and digital signals. DG641 is a quad
SPST, DG642 is a single SPDT, and DG643 is a dual SPDT
function. These devices have exceptionally low
on-resistances (5 typ-DG642), low capacitance and high
current handling capability.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG641, DG642, DG643 are built on
the Vishay Siliconix proprietary D/CMOS process. Each
switch conducts equally well in both directions when on, and
blocks up to 14 Vp-p when off. An epitaxial layer prevents
latchup.




Similar Part No. - DG641

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
DG641 VISHAY-DG641 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG641 VISHAY-DG641 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG641DJ VISHAY-DG641DJ Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
DG641DJ VISHAY-DG641DJ Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Similar Description - DG641

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V332 PERICOM-PI5V332 Datasheet
405Kb / 7P
Low On-Resistance Wideband/Video Quad with Individual Control
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com