Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V330SWE Datasheet (PDF) - Pericom Semiconductor Corporation

PI5V330SWE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5V330SWE
Download  PI5V330SWE Download
File Size   839.43 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux

PI5V330SWE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5V330SWE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5V330SWE
Download  PI5V330SWE Click to download

File Size   839.43 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux

PI5V330SWE Datasheet (HTML) - Pericom Semiconductor Corporation


PI5V330SWE Product details

Description
Pericom Semiconductor’s PI5V330S is a true bidirectional Quad 2-channel multiplexer/demultiplexer recommended for both RGB and composite video switching applications. The video switch can be driven from a current output RAMDAC or voltage output composite video source.

Features
• High-performance solution to switch between video sources
• Wide bandwidth: 570 MHz (typical)
• Low On-Resistance: 5Ω (typical)
• Low crosstalk at 10 MHz: –80dB
• Ultra-low quiescent power (0.1µA typical)
• Single supply operation: +5.0V
• Fast switching: 10ns
• ESD > 5KV HBM, 10KV I/O to GND
• Packaging (Pb-free & Green Available):
    – 16-pin 150-mil wide plastic SOIC (W)
    – 16-pin 150-mil wide plastic QSOP (Q)




Similar Part No. - PI5V330SWE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI5V330SWE DIODES-PI5V330SWE Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results


Similar Description - PI5V330SWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com