Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2328 Datasheet (PDF) - Princeton Technology Corp

PT2328 Datasheet PDF - Princeton Technology Corp
Part # PT2328
Download  PT2328 Download
File Size   460.71 Kbytes
Page   23 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux

PT2328 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2328 Datasheet PDF - Princeton Technology Corp

Part # PT2328
Download  PT2328 Click to download

File Size   460.71 Kbytes
Page   23 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux

PT2328 Datasheet (HTML) - Princeton Technology Corp


PT2328 Product details

DESCRIPTION

The PT2328 is a true bidirectional Quad 2-channel multiplexer/ de-multiplexer utilizing CMOS

Technology. It is recommended for both RGB and composite video switching applications. The video switch can be driven from a video DAC or a composite video source.

The very low ON-resistance and wide bandwidth make it ideal for video and other applications.

High output current which is far greater than mostanalog switches offered today, only need a single 5V supply for operation. The PT2328 is a good choice toreplacing the “switches + buffer amplifier” solution in both cost and performance reasons.



FEATURES

• Video signal switch

• Wide bandwidth: 240MHz

• Low On-Resistance: 5Ω, Low signal loss

• Low crosstalk: 10MHz/-58dB

• Extremely low power consumption

• Single supply: +5V

• Switching speed: 5nS

• Output driver current: >100mA

• 16 pins, Multi-package mode



APPLICATIONS

• LCD monitor, TV

• DVD player with recorder

• A/V power amplifier

•A/V switching

• CATV Tuner, Set-Top Box, Satellite Receiver




Similar Part No. - PT2328

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2328 PTC-PT2328 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-SA PTC-PT2328-SA Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-SJ PTC-PT2328-SJ Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328-X PTC-PT2328-X Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results


Similar Description - PT2328

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Princeton Technology Co...
PT2328 PTC-PT2328_10 Datasheet
460Kb / 23P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
US5V330 UTC-US5V330_15 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Diodes Incorporated
PI5V330S DIODES-PI5V330S Datasheet
789Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
12/12/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com