Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG723 Datasheet (PDF) - Vishay Siliconix

DG723 Datasheet PDF - Vishay Siliconix
Part # DG723
Download  DG723 Download
File Size   194.64 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.8 V to 5.5 V, 4 Ω Dual SPST Switches

DG723 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG723 Datasheet PDF - Vishay Siliconix

Part # DG723
Download  DG723 Click to download

File Size   194.64 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1.8 V to 5.5 V, 4 Ω Dual SPST Switches

DG723 Datasheet (HTML) - Vishay Siliconix


DG723 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
definition
• 1.8 V to 5.5 V single power supply
• Low and flat switch on resistance, 2.5 Ω/typ.
• Low leakage and parasitic capacitance
• 366 MHz, - 3 dB bandwidth
• Latch-up current > 300 mA (JESD78)
• Space saving packages
2 mm x 2 mm TDFN8
MSOP8
• Over voltage tolerant TTL/CMOS compatible
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Healthcare and medical devices
• Test instruments
• Portable meters
• Data acquisitions
• Control and automation
• PDAs and modems
• Communication systems
• Audio, video systems
• Mechanical reed relay replacement

DESCRIPTION
The DG721, DG722 and DG723 are precision dual SPST
switches designed to operate from single 1.8 V to 5.5 V
power supply with low power dissipation. The DG721,
DG722 and DG723 can switch both analog and digital
signals within the power supply rail, and conduct well in both
directions.
Fabricated with advance submicron CMOS process, these
switches provide high precision low and flat ON resistance,
low leakage current, low parasitic capacitance, and low
charge injection.
The DG721, DG722 and DG723 contain two independent
Single Pole Single Throw (SPST) switches. Switch-1 and
switch-2 are normally open for the DG721 and normally
closed for the DG722. For the DG723, switch-1 is normally
open and switch-2 is normally closed with a Break-Before-
Make switching timing.
The DG721, DG722 and DG723 are the ideal switches for
use in low voltage instruments and healthcare devices, fitting
the circuits of low voltage ADC and DAC, analog front end
gain control, and signal path control.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device termination. The TDFN8 package has
a nickel-palladium-gold device termination and is
represented by the lead (Pb)-free “-E4” suffix to the ordering
part number. The MSOP-8 package has tin device
termination and is represented by “-E3”. Both device
terminations meet all JEDEC standards for reflow and MSL
rating.
As a further sign of Vishay Siliconix's commitment, the
DG721, DG722 and D723 are fully RoHS compliant and
Halogen-free.




Similar Part No. - DG723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG723 VISHAY-DG723 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
DG723DN-T1-GE4 VISHAY-DG723DN-T1-GE4 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
DG723DQ-T1-GE3 VISHAY-DG723DQ-T1-GE3 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
More results


Similar Description - DG723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
<1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV.0
logo
Vishay Siliconix
DG3537 VISHAY-DG3537 Datasheet
129Kb / 10P
4-Ω, 360-MHz, Dual SPST Analog Switches
30-Apr-07
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com