Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet (PDF) - Analog Devices

ADG821 Datasheet PDF - Analog Devices
Part # ADG821
Download  ADG821 Download
File Size   333.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches

ADG821 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG821 Datasheet PDF - Analog Devices

Part # ADG821
Download  ADG821 Click to download

File Size   333.49 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches

ADG821 Datasheet (HTML) - Analog Devices


ADG821 Product details

GENERAL DESCRIPTION
The ADG821/ADG822/ADG823 are monolithic CMOS singlepole, single-throw (SPST) switches. These switches are designed on an advanced submicron process that provides low power dissipation, yet gives high switching speed, low on resistance, and low leakage currents.

FEATURES
   0.8 Ω maximum on resistance @ 125°C
   0.3 Ω maximum on resistance flatness @ 125°C
   1.8 V to 5.5 V single supply
   200 mA current carrying capability
   Automotive temperature range: −40°C to +125°C
   Rail-to-rail operation
   8-lead MSOP
   33 ns switching times
   Typical power consumption: <0.01 μW
   TTL-/CMOS-compatible inputs
   Pin-compatible with the ADG721/ADG722/ADG723

APPLICATIONS
   Power routing
   Battery-powered systems
   Communication systems
   Data acquisition systems
   Audio and video signal routing
   Cellular phones
   Modems
   PCMCIA cards
   Hard drives
   Relay replacement




Similar Part No. - ADG821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821BRM AD-ADG821BRM Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRM-REEL AD-ADG821BRM-REEL Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ AD-ADG821BRMZ Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ-REEL7 AD-ADG821BRMZ-REEL7 Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
More results


Similar Description - ADG821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG811 AD-ADG811 Datasheet
392Kb / 16P
0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com