Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices ADG821 Datasheet HTML 10Page - Analog Devices ADG821 Datasheet HTML 11Page - Analog Devices ADG821 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
–10–
ADG821/ADG822/ADG823
OUTLINE DIMENSIONS
8-Lead MSOP Package [MSOP]
(RM-8)
Dimensions shown in millimeters
0.23
0.08
0.80
0.40
8
0
85
4
1
4.90
BSC
PIN 1
0.65 BSC
3.00
BSC
SEATING
PLANE
0.15
0.00
0.38
0.22
1.10 MAX
3.00
BSC
COMPLIANT TO JEDEC STANDARDS MO-187AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com