Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices ADG821 Datasheet HTML 10Page - Analog Devices ADG821 Datasheet HTML 11Page - Analog Devices ADG821 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADG821/ADG822/ADG823
Test Circuits
IDS
V1
SD
VS
RON = V1/IDS
Test Circuit 1. On Resistance
SD
VS
A
A
VD
IS (OFF)
ID (OFF)
Test Circuit 2. Off Leakage
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Test Circuit 3. On Leakage
VDD
VDD
0.1 F
VS
IN
SD
GND
RL
50
CL
35pF
VOUT
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
ADG821
ADG822
Test Circuit 4. Switching Times
0.1 F
VDD
VDD
S1
D1
IN1, IN2
VS1
GND
RL1
50
CL1
35pF
VOUT1
VS2
VOUT2
RL2
50
CL2
35pF
S2
VIN
D2
tBBM
tBBM
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
Test Circuit 5. Break-Before-Make Time Delay, tBBM (ADG823 only)
VDD
VDD
SD
IN
VS
GND
CL
1nF
VOUT
RS
SW ON
VIN
VOUT
QINJ = CL
∆VOUT
SW OFF
VOUT
Test Circuit 6. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com