Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 4 Page - Analog Devices

  ADG821 Datasheet HTML 1Page - Analog Devices ADG821 Datasheet HTML 2Page - Analog Devices ADG821 Datasheet HTML 3Page - Analog Devices ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADG821/ADG822/ADG823
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG821/ADG822/ADG823 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Inputs
2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
–0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . 200 mA
Operating Temperature Range
Automotive . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (Tj max) . . . . . . . . . . . . . . . . . . . 150
°C
Package Power Dissipation . . . . . . . . . . . . . . (Tj max – TA)/
θJA
8-Lead MSOP Package
θ
JAThermal Impedance
. . . . . . . . . . . . . . . . . . . . . 206
°C/W
θ
JCThermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 44
°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . . 235
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
ORDERING GUIDE
Model Option
Temperature Range
Brand
*
Package Description
Package
ADG821BRM
–40
°C to +125°C
SQB
MSOP (microSmall Outline IC)
RM-8
ADG822BRM
–40
°C to +125°C
SRB
MSOP (microSmall Outline IC)
RM-8
ADG823BRM
–40
°C to +125°C
SSB
MSOP (microSmall Outline IC)
RM-8
*Branding on MSOP packages is limited to three characters due to space constraints.
Table I. Truth Table for the ADG821/ADG822
ADG821 INx
ADG822 INx
Switch x Condition
01
OFF
10
ON
Table II. Truth Table for the ADG823
IN1
IN2
Switch S1
Switch S2
0
0
OFF
ON
0
1
OFF
OFF
1
0
ON
ON
1
1
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com