Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 5 Page - Analog Devices

  ADG821 Datasheet HTML 1Page - Analog Devices ADG821 Datasheet HTML 2Page - Analog Devices ADG821 Datasheet HTML 3Page - Analog Devices ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
ADG821/ADG822/ADG823
–5–
TERMINOLOGY
VDD
Most Positive Power Supply Potential
GND
Ground (0 V) Reference
IDD
Positive Supply Current
S
Source Terminal. May be an input or output.
DDrain Terminal. May be an input or output.
IN
Logic Control Input
RON
Ohmic Resistance between D and S
∆R
ON
On Resistance Match between any Two Channels (i.e., RON max – RON min)
RFLAT(ON)
Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal range.
IS (OFF)
Source Leakage Current with the Switch OFF
ID (OFF)
Drain Leakage Current with the Switch OFF
ID, IS (ON)
Channel Leakage Current with the Switch ON
VD (VS)Analog Voltage on Terminals D and S
VINL
Maximum Input Voltage for Logic “0”
VINH
Minimum Input Voltage for Logic “1”
IINL (IINH)
Input Current of the Digital Input
CS (OFF)
OFF Switch Source Capacitance
CD (OFF)
OFF Switch Drain Capacitance
CD, CS (ON)
ON Switch Capacitance
tON
Delay between Applying the Digital Control Input and the Output Switching ON
tOFF
Delay between Applying the Digital Control Input and the Output Switching OFF
tBBM
OFF time or ON time measured between the 90% points of both switches, when switching from one
address state to another.
Charge Injection
It is a measure of the glitch impulse transferred from the digital input to the analog output during switching.
Crosstalk
It is a measure of unwanted signal that is coupled through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A Measure of Unwanted Signal Coupling through an OFF Switch
Bandwidth
The Frequency at which the Output Is Attenuated by –3 dBs
On Response
The Frequency Response of the ON Switch
Insertion Loss
The Loss due to the On Resistance of the Switch
PIN CONFIGURATION
8-Lead MSOP
(RM-8)
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
S1
D1
IN2
VDD
D2
S2
GND
ADG821/
ADG822/
ADG823
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com