Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 1 Page - Analog Devices

  ADG821 Datasheet HTML 1Page - Analog Devices ADG821 Datasheet HTML 2Page - Analog Devices ADG821 Datasheet HTML 3Page - Analog Devices ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADG821/ADG822/ADG823
<1
ΩCMOS 1.8 V to 5.5 V,
Dual SPST Switches
FEATURES
0.8
Max On Resistance @125 C
0.28
Max On Resistance Flatness @125 C
1.8 V to 5.5 V Single Supply
200 mA Current Carrying Capability
Automotive Temperature Range: –40 C to +125 C
Rail-to-Rail Operation
8-Lead MSOP Package
33 ns Switching Times
Typical Power Consumption (<0.01
W)
TTL/CMOS Compatible Inputs
Pin Compatible with ADG721/722/723
APPLICATIONS
Power Routing
Battery-Powered Systems
Communication Systems
Data Acquisition Systems
Audio and Video Signal Routing
Cellular Phones
Modems
PCMCIA Cards
Hard Drives
Relay Replacement
FUNCTIONAL BLOCK DIAGRAM
ADG821
IN1
D2
S2
S1
D1
IN2
ADG822
IN1
D2
S2
S1
D1
IN2
ADG823
IN1
D2
S2
S1
D1
IN2
SWITCHES SHOWN FOR A LOGIC “0”
INPUT
GENERAL DESCRIPTION
The ADG821, ADG822, and ADG823 are monolithic CMOS
SPST (single pole, single throw) switches. These switches are
designed on an advanced submicron process that provides low
power dissipation, yet gives high switching speed, low on
resistance, and low leakage currents.
The ADG821, ADG822, and ADG823 are designed to operate
from a single 1.8 V to 5.5 V supply, making them ideal for use
in battery-powered instruments.
Each switch of the ADG821/ADG822/ADG823 conducts equally
well in both directions when on. The ADG821, ADG822, and
ADG823 contain two independent SPST switches. The ADG821
and ADG822 differ only in that both switches are normally open
and normally closed, respectively. In the ADG823, Switch 1 is
normally open and Switch 2 is normally closed. The ADG823
exhibits break-before-make switching action.
The ADG821, ADG822, and ADG823 are available in an 8-lead
MSOP package.
PRODUCT HIGHLIGHTS
1. Very Low On Resistance (0.5
Ω typ)
2. On Resistance Flatness (RFLAT(ON)) (0.15
Ω typ)
3. Automotive Temperature Range –40
°C to +125°C
4. 200 mA Current Carrying Capability
5. Low Power Dissipation. CMOS construction ensures low
power dissipation.
6. 8-Lead MSOP Package


Similar Part No. - ADG821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821BRM AD-ADG821BRM Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRM-REEL AD-ADG821BRM-REEL Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ AD-ADG821BRMZ Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
ADG821BRMZ-REEL7 AD-ADG821BRMZ-REEL7 Datasheet
215Kb / 12P
1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
More results

Similar Description - ADG821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG811 AD-ADG811 Datasheet
392Kb / 16P
0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
1.8 V to 5.5 V, 4ohm Dual SPST Switches
01-Aug-11
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com