Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG854 Datasheet (PDF) - Analog Devices

ADG854 Datasheet PDF - Analog Devices
Part # ADG854
Download  ADG854 Download
File Size   195.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP

ADG854 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG854 Datasheet PDF - Analog Devices

Part # ADG854
Download  ADG854 Click to download

File Size   195.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP

ADG854 Datasheet (HTML) - Analog Devices


ADG854 Product details

GENERAL DESCRIPTION
The ADG854 is a low voltage CMOS device containing two independently selectable single-pole, double-throw (SPDT) switches. This device offers ultralow on resistance of <1 Ω over the full temperature range. The ADG854 is fully specified for 5.5 V and 3.3 V supply operation.
Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. The ADG854 exhibits break-before-make switching action.
The ADG854 is available in a 1.3 mm × 1.6 mm 10-lead mini LFCSP.

FEATURES
   0.8 Ω typical on resistance
   Less than 1 Ω maximum on resistance at 85°C
   1.8 V to 5.5 V single supply
   High current carrying capability: 300 mA continuous
   Rail-to-rail switching operation
   Fast-switching times: <17 ns
   Typical power consumption: <0.1 μW
   1.30 mm × 1.60 mm mini LFCSP

APPLICATIONS
   Cellular phones
   PDAs
   MP3 players
   Power routing
   Battery-powered systems
   PCMCIA cards
   Modems
   Audio and video signal routing
   Communication systems




Similar Part No. - ADG854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG852 AD-ADG852 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-R21 AD-ADG852BCPZ-R21 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL1 AD-ADG852BCPZ-REEL1 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG852BCPZ-REEL71 AD-ADG852BCPZ-REEL71 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Similar Description - ADG854

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG824 AD-ADG824 Datasheet
360Kb / 16P
0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com