Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG824 Datasheet (PDF) - Analog Devices

ADG824 Datasheet PDF - Analog Devices
Part # ADG824
Download  ADG824 Download
File Size   360.95 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package

ADG824 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG824 Datasheet PDF - Analog Devices

Part # ADG824
Download  ADG824 Click to download

File Size   360.95 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package

ADG824 Datasheet (HTML) - Analog Devices


ADG824 Product details

GENERAL DESCRIPTION
The ADG824 is a low voltage CMOS device containing two independently selectable single-pole, double throw (SPDT) switches. This device offers ultralow on resistance of less than 0.7 Ω over the full temperature range. The ADG824 is fully specified for 3.3 V, 2.5 V, and 1.8 V supply operation.

FEATURES
   0.5 Ω typical on resistance
   0.7 Ω maximum on resistance at 85°C
   1.65 V to 3.6 V operation
   High current carrying capability: 300 mA continuous
   Rail-to-rail switching operation
   Fast switching times <20 ns
   Typical power consumption (<0.1 μW)
   1.3 mm × 1.6 mm mini LFCSP package

APPLICATIONS
   Cellular phones
   PDAs
   MP3 players
   Power routing
   Battery-powered systems
   PCMCIA cards
   Modems
   Audio and video signal routing
   Communication systems




Similar Part No. - ADG824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG820 AD-ADG820 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG820BRM AD-ADG820BRM Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG820BRT AD-ADG820BRT Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG820BRT AD-ADG820BRT Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results


Similar Description - ADG824

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836 Datasheet
652Kb / 12P
0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV.0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
10/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
<0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com