Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG852 Datasheet (PDF) - Analog Devices

ADG852 Datasheet PDF - Analog Devices
Part # ADG852
Download  ADG852 Download
File Size   315.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP

ADG852 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG852 Datasheet PDF - Analog Devices

Part # ADG852
Download  ADG852 Click to download

File Size   315.49 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP

ADG852 Datasheet (HTML) - Analog Devices


ADG852 Product details

GENERAL DESCRIPTION
The ADG852 is a low voltage CMOS single-pole, double-throw (SPDT) switch. This device offers ultralow on resistance of less than 1 Ω over the full temperature range. The ADG852 is fully specified for 5.5 V and 3.3 V supply operation.

FEATURES
    0.8 Ω typical on resistance
    Less than 1 Ω maximum on resistance at 85°C
    2.3 V to 5.5 V single supply
    High current carrying capability: 300 mA continuous
    Rail-to-rail switching operation
    Fast-switching times: <17 ns
    Typical power consumption: <0.1 μW
    1.30 mm × 1.60 mm, 10-lead mini LFCSP

APPLICATIONS
    Cellular phones
    PDAs
    MP3 players
    Power routing
    Battery-powered systems
    PCMCIA cards
    Modems
    Audio and video signal routing
    Communication systems




Similar Part No. - ADG852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG854BCPZ-REEL AD-ADG854BCPZ-REEL Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG854BCPZ-REEL7 AD-ADG854BCPZ-REEL7 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG858BCPZ-REEL1 AD-ADG858BCPZ-REEL1 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Similar Description - ADG852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG824 AD-ADG824 Datasheet
360Kb / 16P
0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
10/08-Revision 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com