Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG836 Datasheet (PDF) - Analog Devices

ADG836 Datasheet PDF - Analog Devices
Part # ADG836
Download  ADG836 Download
File Size   652.24 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX

ADG836 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG836 Datasheet PDF - Analog Devices

Part # ADG836
Download  ADG836 Click to download

File Size   652.24 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX

ADG836 Datasheet (HTML) - Analog Devices


ADG836 Product details

GENERAL DESCRIPTION
The ADG836 is a low voltage CMOS device containing two independently selectable single-pole, double-throw (SPDT) switches. This device offers ultralow on resistance of less than 0.8 Ω over the full temperature range. The ADG836 is fully specified for 3.3 V, 2.5 V, and 1.8 V supply operation.

FEATURES
   0.5 Ω typical on resistance
   0.8 Ω maximum on resistance at 125°C
   1.65 V to 3.6 V operation
   Automotive temperature range: –40°C to +125°C
   High current carrying capability: 300 mA continuous
   Rail-to-rail switching operation
   Fast-switching times <20 ns
   Typical power consumption (<0.1 µW)

APPLICATIONS
   Cellular phones
   PDAs
   MP3 players
   Power routing
   Battery-powered systems
   PCMCIA cards
   Modems
   Audio and video signal routing
   Communication systems




Similar Part No. - ADG836

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM AD-ADG836LYRM Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM-REEL AD-ADG836LYRM-REEL Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM-REEL7 AD-ADG836LYRM-REEL7 Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Similar Description - ADG836

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918 Datasheet
120Kb / 4P
Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches
ADG839 AD-ADG839 Datasheet
436Kb / 16P
0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
10/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG824 AD-ADG824 Datasheet
360Kb / 16P
0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com