Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG918 Datasheet (PDF) - Analog Devices

ADG918 Datasheet PDF - Analog Devices
Part # ADG918
Download  ADG918 Download
File Size   120.42 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches

ADG918 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG918 Datasheet PDF - Analog Devices

Part # ADG918
Download  ADG918 Click to download

File Size   120.42 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches

ADG918 Datasheet (HTML) - Analog Devices


ADG918 Product details

GENERAL DESCRIPTION
The ADG918/ADG919 are wideband switches using a CMOS process to provide high isolation and low insertion loss to 1 GHz. The ADG918 is an absorptive (matched) switch having 50 Ω terminated shunt legs, whereas the ADG919 is a reflective switch. These devices are designed such that the isolation is high over the dc to 1 GHz frequency range. They have on-board CMOS control logic, thus eliminating the need for external controlling circuitry. The control inputs are both CMOS and LVTTL compatible. The low power consumption of these CMOS devices makes them ideally suited to wireless and general-purpose high frequency switching applications.

FEATURES
   Wideband switch: −3 dB @ 4 GHz
   Absorptive/reflective switches
   High off isolation (43 dB @ 1 GHz)
   Low insertion loss (0.8 dB @1 GHz)
   Single 1.65 V to 2.75 V power supply
   CMOS/LVTTL control logic
   8-lead MSOP and tiny 3 mm × 3 mm LFCSP packages
   Low power consumption (<1 μA)

APPLICATIONS
   Wireless communications
   General-purpose RF switching
   Dual-band applications
   High speed filter selection
   Digital transceiver front end switch
   IF switching
   Tuner modules
      Antenna diversity switching




Similar Part No. - ADG918

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BCP-500RL7 AD-ADG918BCP-500RL7 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918BCP-REEL7 AD-ADG918BCP-REEL7 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918BCPZ-500RL7 AD-ADG918BCPZ-500RL7 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG918BCPZ-500RL71 AD-ADG918BCPZ-500RL71 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
More results


Similar Description - ADG918

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836 Datasheet
652Kb / 12P
0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV.0
ADG901 AD-ADG901 Datasheet
1Mb / 12P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
10/04-Data Sheet changed from REV. 0 to REV. A.
ADG904 AD-ADG904 Datasheet
354Kb / 16P
Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
5/04-Revision 0
ADG839 AD-ADG839 Datasheet
436Kb / 16P
0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX
10/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com