Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG821
Description  <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG821 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG821 Datasheet HTML 2Page - Analog Devices ADG821 Datasheet HTML 3Page - Analog Devices ADG821 Datasheet HTML 4Page - Analog Devices ADG821 Datasheet HTML 5Page - Analog Devices ADG821 Datasheet HTML 6Page - Analog Devices ADG821 Datasheet HTML 7Page - Analog Devices ADG821 Datasheet HTML 8Page - Analog Devices ADG821 Datasheet HTML 9Page - Analog Devices ADG821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
–6–
ADG821/ADG822/ADG823–Typical Performance Characteristics
VD (VS) – V
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
12345
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 4.5V
VDD = 5.0V
VDD = 5.5V
TA = 25 C
5
TPC 1. On Resistance vs. VD (VS)
VD (VS) – V
0.8
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
+125 C
+85 C
+25 C
–40 C
VDD = 3V
TPC 4. On Resistance vs. VD (VS)
for Different Temperatures
TEMPERATURE – C
0
10
20
30
40
50
60
–40 –20
0
20
40
60
80
100 1200
VDD = 3V
VDD = 3V, 5V
TA = 25 C
tON
tOFF
VDD = 5V
TPC 7. tON/tOFF vs. Temperature
VD (VS) – V
5.0
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.2
0.4 0.6
0.8
1.0
1.2
1.4
1.6
1.8
TA = 25 C
VDD = 1.8V
TPC 2. On Resistance vs. VD (VS)
TEMPERATURE – C
020
120
40
60
80
100
8
7
–1
3
2
1
0
6
4
5
125
IS, ID (ON)
VDD = 5V, 3V
IS (OFF)
ID (OFF)
TPC 5. Leakage Currents vs.
Temperature
FREQUENCY – MHz
0
100
110
–10
–20
–30
–40
–50
–60
–70
VDD = 3V, 5V
TA = 25 C
0.2
TPC 8. Off Isolation vs. Frequency
VD (VS) – V
0.8
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
+125 C
+85 C
+25 C
–40 C
VDD = 5V
TPC 3. On Resistance vs. VD (VS)
for Different Temperatures
Vs – V
0
0.5
3.0
1.0 1.5 2.0 2.5
–200
–150
–100
–50
0
50
100
150
200
3.5 4.0 4.5 5.0
VDD = 3V
VDD = 5V
TA = 25 C
TPC 6. Charge Injection vs.
Source Voltage
FREQUENCY – MHz
0
100
0.1
1
10
–1
–2
–3
–4
–5
–6
–7
VDD = 3V, 5V
TA = 25 C
–8
–9
TPC 9. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com