Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4800E Datasheet (PDF) - M.S. Kennedy Corporation

MSK4800E Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4800E
Download  MSK4800E Download
File Size   718.31 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 600V/450A HALF BRIDGE PEM

MSK4800E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4800E Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4800E
Download  MSK4800E Click to download

File Size   718.31 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 600V/450A HALF BRIDGE PEM

MSK4800E Datasheet (HTML) - M.S. Kennedy Corporation




Similar Part No. - MSK4800E

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
MSK4800H ANAREN-MSK4800H Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
logo
M.S. Kennedy Corporatio...
MSK4800 MSK-MSK4800_15 Datasheet
821Kb / 8P
Half Bridge Configuration
More results


Similar Description - MSK4800E

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP450D060 POWEREX-PP450D060 Datasheet
363Kb / 6P
POW-R-PAK 450A / 600V Half Bridge IGBT Assembly
PP450D120 POWEREX-PP450D120 Datasheet
366Kb / 6P
POW-R-PAK 450A / 1200V Half Bridge IGBT Assembly
logo
M.S. Kennedy Corporatio...
MSK4801H MSK-MSK4801H Datasheet
632Kb / 6P
600V/600A HALF BRIDGE PEM
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4851H MSK-MSK4851H Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Semikron International
SKM450GB33F SEMIKRON-SKM450GB33F Datasheet
667Kb / 6P
450A half bridge
logo
Anaren Microwave
MSK4803 ANAREN-MSK4803 Datasheet
537Kb / 8P
600V / 600A HALF BRIDGE PEM
MSK4800 ANAREN-MSK4800 Datasheet
821Kb / 8P
600V/450A HALF BRIDGE PEM
MSK4804 ANAREN-MSK4804 Datasheet
780Kb / 8P
1200V/100A SiC HALF BRIDGE PEM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com