Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5012BZS Datasheet (PDF) - M.S. Kennedy Corporation

MSK5012BZS Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5012BZS
Download  MSK5012BZS Download
File Size   207.6 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR

MSK5012BZS Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5012BZS Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5012BZS
Download  MSK5012BZS Click to download

File Size   207.6 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR

MSK5012BZS Datasheet (HTML) - M.S. Kennedy Corporation


MSK5012BZS Product details

DESCRIPTION:

The MSK 5012 voltage regulator output is fully programmable through the use of two external resistors.  Ultra low dropout voltage specifications are realized due to the unique output configuration which uses an extremely low Rds(on) MOSFET as a pass element.  Dropout voltages of 0.45V at ten amps are typical in this configuration which drives efficiency up and power dissipation down.  Accuracy is guaranteed with a ±1% initial output voltage tolerance that only varies ±2% with temperature.  The MSK 5012 is packaged in a space efficient 5 pin SIP package that is electrically isolated from the internal circuitry allowing direct heat sinking for efficient thermal dissipation.



FEATURES:
• Extremely Low Dropout Voltage 0.45V @ 10 Amps
• Output Voltage Adjustable from +1.30V to +36V
• Low External Component Count
• Electrically Isolated Case
• Low Quiescent Current
• Output Current to 10 Amps
• Available in Two Package Styles
• Available with Three Lead Form Options

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators



 




Similar Part No. - MSK5012BZS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
More results


Similar Description - MSK5012BZS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
Sipex Corporation
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5021 MSK-MSK5021 Datasheet
260Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
New Japan Radio
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
B29150 ETC1-B29150 Datasheet
62Kb / 5P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5010 ANAREN-MSK5010 Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5021 ANAREN-MSK5021 Datasheet
140Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com