Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5041-3.3H Datasheet (PDF) - M.S. Kennedy Corporation

MSK5041-3.3H Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5041-3.3H
Download  MSK5041-3.3H Download
File Size   269.85 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS

MSK5041-3.3H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5041-3.3H Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5041-3.3H
Download  MSK5041-3.3H Click to download

File Size   269.85 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS

MSK5041-3.3H Datasheet (HTML) - M.S. Kennedy Corporation


MSK5041-3.3H Product details

DESCRIPTION:
The MSK 5041 series are high efficiency, 8 amp, surface mount switching regulators. The output voltage is configured for 1.9V, 2.5V, 3.3V or 5.0V internally with a tolerance of 1% at 3 amps. The operating frequency of the MSK 5041 is 300KHz and is internally set. An external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. An extremely low quiescent current of typically less than 2.5mA and nearly 95% operating efficiency keep the total internal power dissipation of the MSK 5041 down to an absolute minimum.

FEATURES:
• Up To 95% Efficiency For 5V Version
• 8 Amp Output Current
• 4.5V to 30V Input Range
• Preset 1.9V, 2.5V, 3.3V or 5.0V Output Versions
• 300KHz Switching Frequency @ 1 Amp and above
• User Programmable Soft-Start
• Quiescent Current < 2.5mA
• User Programmable Current Limit

TYPICAL APPLICATIONS
• Step-down Switching Regulator
• Microprocessor Power Source
• High Efficiency Low Voltage Subsystem Power Supply




Similar Part No. - MSK5041-3.3H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5040-1.9 MSK-MSK5040-1.9 Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9E MSK-MSK5040-1.9E Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9EG MSK-MSK5040-1.9EG Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9G MSK-MSK5040-1.9G Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9H MSK-MSK5040-1.9H Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results


Similar Description - MSK5041-3.3H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
MSK5040-3.3H MSK-MSK5040-3.3H Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5043H MSK-MSK5043H Datasheet
353Kb / 7P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
8 AMP SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com