Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5043H Datasheet (PDF) - M.S. Kennedy Corporation

MSK5043H Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5043H
Download  MSK5043H Download
File Size   353.4 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR

MSK5043H Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5043H Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5043H
Download  MSK5043H Click to download

File Size   353.4 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR

MSK5043H Datasheet (HTML) - M.S. Kennedy Corporation


MSK5043H Product details

DESCRIPTION:
The MSK 5043 is a high efficiency, 8 amp, surface mount switching regulator. Output voltage is user adjustable through the use of two external resistors or one external potentiometer. Output voltages from 1.2 volts to 5.5 volts are possible. The operating frequency of the MSK 5043 is 300KHz and is internally set. An external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. An extremely low quiescent current of typically less than 2.5mA and 93% operating efficiency at 5 volts out, keep the total internal power dissipation of the MSK 5043 down to an absolute minimum.

FEATURES:
• Up To 93% Efficiency For 5V Operation
• 8 Amp Output Current
• 4.5V to 30V Input Range
• User Adjustable Output Voltage from 1.2V to 5.5V
• 300KHz Switching Frequency @ 2.5 Amps
• User Programmable Soft-Start
• Quiescent Current < 2.5mA
• User Programmable Current Limit
• Contact MSK for MIL-PRF-38534 Qualification Status
• Available with Gull Wing Leads

TYPICAL APPLICATIONS
• Step-down Switching Regulator
• Microprocessor Power Source
• High Efficiency Low Voltage Subsystem Power Supply




Similar Part No. - MSK5043H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5043H ANAREN-MSK5043H Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043HG ANAREN-MSK5043HG Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results


Similar Description - MSK5043H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
5 Amp, High Efficiency Switching Regulator
HS7067 NSC-HS7067 Datasheet
362Kb / 10P
AMP, MULTIMODE, HIGH EFFICIENCY SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5041-3.3H MSK-MSK5041-3.3H Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5042H MSK-MSK5042H Datasheet
355Kb / 7P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
International Rectifier
OM7612SM IRF-OM7612SM Datasheet
30Kb / 2P
SURFACE MOUNT 1.0 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7612NM IRF-OM7612NM Datasheet
19Kb / 2P
SURFACE MOUNT 1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7638SM ETC2-OM7638SM Datasheet
20Kb / 2P
SURFACE MOUNT NEGATIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
OM7636SM ETC2-OM7636SM Datasheet
21Kb / 2P
SURFACE MOUNT NEGATIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com