Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5042HG Datasheet (PDF) - M.S. Kennedy Corporation

MSK5042HG Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5042HG
Download  MSK5042HG Download
File Size   355.42 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR

MSK5042HG Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5042HG Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5042HG
Download  MSK5042HG Click to download

File Size   355.42 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR

MSK5042HG Datasheet (HTML) - M.S. Kennedy Corporation


MSK5042HG Product details

DESCRIPTION:
The MSK 5042 is a high efficiency, 4 amp, surface mount switching regulator. Output voltage is user adjustable through the use of two external resistors or one external potentiometer. Output voltages from 1.2 volts to 5.5 volts are possible. The operating frequency of the MSK 5042 is 300KHz and is internally set. An external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. An extremely low quiescent current of typically less than 2.5mA and nearly 95% operating efficiency at 5 volts out, keep the total internal power dissipation of the MSK 5042 down to an absolute minimum.

FEATURES:
• Up To 95% Efficiency For 5V Operation
• 4 Amp Output Current
• 4.5V to 30V Input Range
• User Adjustable Output Voltage from 1.2V to 5.5V
• 300KHz Switching Frequency @ 1 Amp
• User Programmable Soft-Start
• Quiescent Current < 2.5mA
• User Programmable Current Limit
• Available with Gull Wing Leads
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• Step-down Switching Regulator
• Microprocessor Power Source
• High Efficiency Low Voltage Subsystem Power Supply




Similar Part No. - MSK5042HG

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5042HG ANAREN-MSK5042HG Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results


Similar Description - MSK5042HG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
5 Amp, High Efficiency Switching Regulator
HS7067 NSC-HS7067 Datasheet
362Kb / 10P
AMP, MULTIMODE, HIGH EFFICIENCY SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5040-3.3H MSK-MSK5040-3.3H Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5043H MSK-MSK5043H Datasheet
353Kb / 7P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
International Rectifier
OM7612SM IRF-OM7612SM Datasheet
30Kb / 2P
SURFACE MOUNT 1.0 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7612NM IRF-OM7612NM Datasheet
19Kb / 2P
SURFACE MOUNT 1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com