Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG213 Datasheet (PDF) - Vishay Siliconix

DG213 Datasheet PDF - Vishay Siliconix
Part # DG213
Download  DG213 Download
File Size   262.32 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Complementary CMOS Analog Switch

DG213 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG213 Datasheet PDF - Vishay Siliconix

Part # DG213
Download  DG213 Click to download

File Size   262.32 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Complementary CMOS Analog Switch

DG213 Datasheet (HTML) - Vishay Siliconix


DG213 Product details

FEATURES
• ± 22 V supply voltage rating
• TTL and CMOS compatible logic
• Low on-resistance - rDS(on): 45 Ω
• Low leakage - ID(on): 20 pA
• Single supply operation possible
• Extended temperature range
• Fast switching - tON: 85 ns
BENEFITS

• Low charge injection - Q: 1 pC
• Wide analog signal range
• Simple logic interface
• Higher accuracy
• Minimum transients
• Reduced power consumption
• Low cost

APPLICATIONS
• Industrial instrumentation
• Test equipment
• Communications systems
• Computer peripherals
• Portable instruments
• Sample-and-hold circuits

DESCRIPTION
The versatile DG213 analog switch has two NC and two NO
switches. It can be used in various configurations, including
four single-pole single-throw (SPST), two single-pole
double-throw (SPDT), one “T” switch, one DPDT, etc. This
device is fabricated in a Vishay Siliconix’ proprietary highvoltage
silicon gate CMOS process, resulting in lower onresistance,
lower leakage, higher speed, and lower power
consumption.
This analog switch was designed for a wide variety of
general purpose applications in telecommunications,
instrumentation, process control, computer peripherals, etc.
An improved charge injection compensation design
minimizes switching transients. These switches can handle
up to ± 22 V, and have an improved continuous current
rating of 30 mA. An epitaxial layer prevents latchup.
All switches feature true bi-directional performance in the on
condition, and will block signals to the supply levels in the off
condition.
For additional information, please refer to Application Note
AN208 (FaxBack document #70606).




Similar Part No. - DG213

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG213 TEMIC-DG213 Datasheet
98Kb / 7P
Quad Complementary CMOS Analog Switch
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
logo
TEMIC Semiconductors
DG213DJ TEMIC-DG213DJ Datasheet
98Kb / 7P
Quad Complementary CMOS Analog Switch
logo
Vishay Siliconix
DG213DJ VISHAY-DG213DJ Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ VISHAY-DG213DJ Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
More results


Similar Description - DG213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
Quad SPDT CMOS Analog Switch
logo
TEMIC Semiconductors
DG213 TEMIC-DG213 Datasheet
98Kb / 7P
Quad Complementary CMOS Analog Switch
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
Quad CMOS Analog Switch
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ-E3 VISHAY-DG213DJ-E3 Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com