Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG213 Datasheet (PDF) - TEMIC Semiconductors

DG213 Datasheet PDF - TEMIC Semiconductors
Part # DG213
Download  DG213 Download
File Size   98.61 Kbytes
Page   7 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Quad Complementary CMOS Analog Switch

DG213 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG213 Datasheet PDF - TEMIC Semiconductors

Part # DG213
Download  DG213 Click to download

File Size   98.61 Kbytes
Page   7 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Quad Complementary CMOS Analog Switch

DG213 Datasheet (HTML) - TEMIC Semiconductors


DG213 Product details

Description
The versatile DG213 analog switch has two NC and two NO switches. It can be used in various configurations, including four single-pole single-throw (SPST), two single-pole double-throw (SPDT), one “T” switch, one DPDT, etc. This device is fabricated in a Siliconix’ proprietary high-voltage silicon gate CMOS process, resulting in lower on-resistance, lower leakage, higher speed, and lower power consumption.

Features
• ±22-V Supply Voltage Rating
• TTL and CMOS Compatible Logic
• Low On-Resistance—rDS(on): 45 Ω
• Low Leakage—ID(on): 20 pA
• Single Supply Operation Possible
• Extended Temperature Range
• Fast Switching—tON: 85 ns

Benefits
• Low Charge Injection—Q: 1 pC
• Wide Analog Signal Range
• Simple Logic Interface
• Higher Accuracy
• Minimum Transients
• Reduced Power Consumption
• Low Cost

Applications
• Industrial Instrumentation
• Test Equipment
• Communications Systems
• Computer Peripherals
• Portable Instruments
• Sample-and-Hold Circuits




Similar Part No. - DG213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213 VISHAY-DG213 Datasheet
262Kb / 14P
Quad Complementary CMOS Analog Switch
11-Feb-08
DG213DJ VISHAY-DG213DJ Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ VISHAY-DG213DJ Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ-E3 VISHAY-DG213DJ-E3 Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
More results


Similar Description - DG213

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
Quad SPDT CMOS Analog Switch
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
Quad CMOS Analog Switch
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
DG213DJ-E3 VISHAY-DG213DJ-E3 Datasheet
87Kb / 8P
Quad Complementary CMOS Analog Switch
17-Apr-00
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG213 VISHAY-DG213_V01 Datasheet
262Kb / 14P
Quad Complementary CMOS Analog Switch
11-Feb-08
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com