Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG401 Datasheet (PDF) - Vishay Siliconix

DG401 Datasheet PDF - Vishay Siliconix
Part # DG401
Download  DG401 Download
File Size   250.81 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG401 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG401 Datasheet PDF - Vishay Siliconix

Part # DG401
Download  DG401 Click to download

File Size   250.81 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Power, High-Speed CMOS Analog Switches

DG401 Datasheet (HTML) - Vishay Siliconix


DG401 Product details

FEATURES
• 44 V supply max. rating
• ± 15 V analog signal range
• On-resistance - RDS(on): 30 Ω
• Low leakage - ID(on): 40 pA
• Fast switching - tON: 75 ns
• Ultra low power requirements - PD: 0.35 μW
• TTL, CMOS compatible
• Single supply capability
• Compliant to RoHS directive 2002/95/EC

BENEFITS
• Wide dynamic range
• Break-before-make switching action
• Simple interfacing

APPLICATIONS
• Audio and video switching
• Sample-and-hold circuits
• Battery operation
• Test equipment
• Communications systems
• PBX, PABX

DESCRIPTION
The DG401, DG403, DG405 monolithic analog switches
were designed to provide precision, high performance
switching of analog signals. Combining low power (0.35 μW,
typ.) with high speed (tON: 75 ns, typ.), the DG401 series is
ideally suited for portable and battery powered industrial and
military applications.
Built on the Vishay Siliconix proprietary high-voltage
silicon-gate process to achieve high voltage rating and
superior switch on/off performance, break-before-make is
guaranteed for the SPDT configurations. An epitaxial layer
prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to 30 V peak-to-peak when off. Onresistance
is very flat over the full ± 15 V analog range,
rivaling JFET performance without the inherent dynamic
range limitations.
The three devices in this series are differentiated by the type
of switch action as shown in the functional block diagrams.




Similar Part No. - DG401

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
93Kb / 9P
Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG401 INTERSIL-DG401 Datasheet
286Kb / 12P
Monolithic CMOS Analog Switches
November 20, 2006
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
More results


Similar Description - DG401

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
Low-Power, High-Speed CMOS Analog Switches
11-Jun-07
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
Low-Power, High-Speed CMOS Analog Switches
10-Jan-05
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
High-Speed, Low-Glitch D/CMOS Analog Switches
11-Jun-07
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
Low-Power, High-Speed CMOS Analog Switches
30-Nov-09
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
logo
Vishay Siliconix
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
High-Speed, Low-Glitch D/CMOS Analog Switches
31-Jan-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
Low-Power, High-Speed CMOS Analog Switches
07-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com