Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG408L Datasheet (PDF) - Vishay Siliconix

DG408L Datasheet PDF - Vishay Siliconix
Part # DG408L
Download  DG408L Download
File Size   277.72 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers

DG408L Datasheet (PDF)

Go To PDF Page Download Datasheet
DG408L Datasheet PDF - Vishay Siliconix

Part # DG408L
Download  DG408L Click to download

File Size   277.72 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers

DG408L Datasheet (HTML) - Vishay Siliconix


DG408L Product details

FEATURES
• Pin-for-pin compatibility with DG408, DG409
• 2.7 V to 12 V single supply or ± 3 V to ± 6 V dual
supply operation
• Lower on-resistance: RDS(on) - 17 Ω typ.
• Fast switching: tON - 38 ns, tOFF - 18 ns
• Break-before-make guaranteed
• Low leakage: IS(OFF) - 0.2 nA max.
• Low charge injection: 1 pC
• TTL, CMOS, LV logic (3 V) compatible
• 82 dB off-isolation at 1 MHz
• 2000 V ESD protection (HBM)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.

BENEFITS
• High accuracy
• Single and dual power rail capacity
• Wide operating voltage range
• Simple logic interface

APPLICATIONS
• Data acquisition systems
• Battery operated equipment
• Portable test equipment
• Sample and hold circuits
• Communication systems
• SDSL, DSLAM
• Audio and video signal routing

DESCRIPTION
The DG408L, DG409L are low voltage pin-for-pin
compatible companion devices to the industry standard
DG408, DG409 with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG408L, DG409L to operate on single and dual supplies.
Single supply voltage ranges from 3 V to 12 V while dual
supply operation is recommended with ± 3 V to ± 6 V.
The DG408L is an 8 channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3 bit binary address (A0,
A1, A2). The DG409L is a dual 4 channel differential analog
multiplexer designed to connect one of four differential
inputs to a common dual output as determined by its 2 bit
binary address (A0, A1). Break-before-make switching action
to protect against momentary crosstalk between adjacent
channels.
The DG408L, DG409L provides lower on-resistance, faster
switching time, lower leakage, less power consumption, and
higher off-isolation than the DG408, DG409.




Similar Part No. - DG408L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408L VISHAY-DG408L Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG408L VISHAY-DG408L Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG408LDQ VISHAY-DG408LDQ Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG408LDQ-E3 VISHAY-DG408LDQ-E3 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
More results


Similar Description - DG408L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com