Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6507 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN6507 Datasheet PDF - Texas Instruments
Part # SN6507
Download  SN6507 Download
File Size   1980.98 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies

SN6507 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN6507 Datasheet PDF - Texas Instruments

Part # SN6507
Download  SN6507 Click to download

File Size   1980.98 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies

SN6507 Datasheet (HTML) - Texas Instruments


SN6507 Product details

1 Features
• Push-pull driver for transformers
• Wide input voltage range: 3 V to 36 V
– 60 V input voltage tolerance
– Duty-cycle control for line regulation
• 0.5 A switches with programmable current limit
• Wide switching frequency range: 150 kHz to 2
MHz
– Allows small-size transformers
– Programmable switching frequency
– External clock synchronization option
• Ultra-low noise and EMI
– Symmetric push-pull topology
– Spread sprectrum clocking
– Pin-configurable slew-rate control
• Protection Features
– Adjustable under voltage lockout (UVLO)
– Programmable over-current protection (OCP)
– Over voltage lockout (OVLO)
– Thermal shutdown (TSD)
• Wide temperature range: –55°C to 125°C
• Programmable soft-start to reduce In-rush current
• 10-Pin HVSSOP (DGQ) package with thermal pad




Similar Part No. - SN6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6507 TI-SN6507 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507 TI-SN6507 Datasheet
2Mb / 44P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
2Mb / 44P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN6507-Q1 TI-SN6507-Q1_V01 Datasheet
2Mb / 44P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
More results


Similar Description - SN6507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
logo
Linear Technology
LT3999 LINER-LT3999_15 Datasheet
308Kb / 16P
Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
logo
Maxim Integrated Produc...
MAX25256 MAXIM-MAX25256 Datasheet
550Kb / 16P
Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
19-101087; Rev 0; 4/21
logo
Texas Instruments
SN6507 TI-SN6507_V01 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN6507-Q1 TI-SN6507-Q1_V01 Datasheet
2Mb / 44P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com