Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6507 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN6507 Datasheet PDF - Texas Instruments
Part # SN6507
Download  SN6507 Download
File Size   2543.95 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies

SN6507 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN6507 Datasheet PDF - Texas Instruments

Part # SN6507
Download  SN6507 Click to download

File Size   2543.95 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies

SN6507 Datasheet (HTML) - Texas Instruments


SN6507 Product details

1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: SN6507-Q1
• AEC-Q100 (Grade 1) qualified for automotive
applications
• Create a custom design using the SN6507-Q1 with
the WEBENCH® Power Designer
• Push-pull driver for isolation transformers
• Wide input voltage range: 3 V to 36 V
– Input voltage tolerance up to 60 V
– Duty-cycle control for line regulation
• 0.5-A switches with programmable current limit
• Wide switching frequency range: 100 kHz to 2
MHz
– Compatible with small-footprint transformers
– Programmable switching frequency
– External clock synchronization option
• Low noise and emissions
– Symmetric push-pull topology
– Spread sprectrum clocking
– Pin-configurable slew-rate control
• Protection Features
– Adjustable under voltage lockout (UVLO)
– Programmable over-current protection (OCP)
– Over voltage lockout (OVLO)
– Thermal shutdown (TSD)
• Wide temperature range: –55°C to 125°C
• Programmable soft-start to reduce in-rush current
• 10-Pin HVSSOP (DGQ) package with thermal pad

2 Applications
Isolated power supplies for:
• Battery management system (BMS)
• On-board charger
• DC/DC converter
• Inverter and motor control

3 Description
The SN6507-Q1 is a high voltage, high frequency
push-pull transformer driver providing isolated power
in a small solution size. The device comes with
the push-pull topology’s benefits of simplicity, low
EMI, and flux cancellation to prevent transformer
saturation. Further space savings are achieved
through duty-cycle control, which reduces component
count for wide-input ranges, and by selecting a
high switching frequency, reducing the size of the
transformer.
The device integrates a controller and two 0.5-A
NMOS power switches that switch out of phase. Its
input operating range is programmed with precision
undervoltage lockouts. The device is protected
from fault conditions by over-current protection
(OCP), adjustable under-voltage lockout (UVLO), over
voltage lockout (OVLO), thermal shutdown (TSD), and
break-before-make circuitry.
The programmable Soft Start (SS) minimizes inrush
currents and provides power supply sequencing for
critical power up requirements. Spread Spectrum
Clocking (SSC) and pin-configurable Slew Rate
Control (SRC) further reduces radiated and conducted
emissions for ultra-low EMI requirements.
The SN6507-Q1 is available in a 10-pin HVSSOP
DGQ package. The device operation is characterized
for a temperature range from –55°C to 125°C.




Similar Part No. - SN6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
SN6507 TI-SN6507 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN65076B TI1-SN65076B Datasheet
157Kb / 10P
DIFFERENTIAL BUS TRANSCEIVERS
SN6507DGQR TI-SN6507DGQR Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
More results


Similar Description - SN6507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
SN6501-Q1 Transformer Driver for Isolated Power Supplies
UCC25800-Q1 TI-UCC25800-Q1_V01 Datasheet
2Mb / 44P
UCC25800-Q1 Ultra-low EMI Transformer Driver for Isolated Bias Supplies
NOVEMBER 2021
SN6507 TI-SN6507 Datasheet
1Mb / 34P
SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
SN6507 TI-SN6507_V01 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
UCC25800-Q1 TI1-UCC25800-Q1_V02 Datasheet
2Mb / 48P
UCC25800-Q1 Ultra-low EMI Transformer Driver for Isolated Bias Supplies
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com