Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD13007 Datasheet (PDF) - Jinan Gude Electronic Device

3DD13007 Datasheet PDF - Jinan Gude Electronic Device
Part # 3DD13007
Download  3DD13007 Download
File Size   272.08 Kbytes
Page   3 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description TRANSISTOR

3DD13007 Datasheet (PDF)

Go To PDF Page Download Datasheet
3DD13007 Datasheet PDF - Jinan Gude Electronic Device

Part # 3DD13007
Download  3DD13007 Click to download

File Size   272.08 Kbytes
Page   3 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description TRANSISTOR

3DD13007 Datasheet (HTML) - Jinan Gude Electronic Device


3DD13007 Product details

TRANSISTOR( NPN )

FEATURES
   Power dissipation
      PCM : 2 W( Tamb=25℃)
   Collector current
      ICM: 8 A
   Collector-base voltage
      V(BR)CBO : 700 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 3DD13007

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13007 TEL-3DD13007 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Jiangsu Changjiang Elec...
3DD13007 JIANGSU-3DD13007 Datasheet
38Kb / 1P
TO-220 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
3DD13007 SECOS-3DD13007 Datasheet
151Kb / 2P
8A , 700V NPN Plastic-Encapsulated Transistor
logo
Guangdong Kexin Industr...
3DD13007 KEXIN-3DD13007 Datasheet
415Kb / 2P
NPN Silicon Power Transistor
logo
SeCoS Halbleitertechnol...
3DD13007-A SECOS-3DD13007-A Datasheet
151Kb / 2P
8A , 700V NPN Plastic-Encapsulated Transistor
More results


Similar Description - 3DD13007

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com