Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5010-5ETD Datasheet (PDF) - M.S. Kennedy Corporation

MSK5010-5ETD Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5010-5ETD
Download  MSK5010-5ETD Download
File Size   195.4 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5010-5ETD Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5010-5ETD Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5010-5ETD
Download  MSK5010-5ETD Click to download

File Size   195.4 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5010-5ETD Datasheet (HTML) - M.S. Kennedy Corporation


MSK5010-5ETD Product details

DESCRIPTION:
The MSK 5010 series voltage regulators are available in a +3.3V, +5.0V or +12.0V fixed output configuration. All three boast ultra low dropout specifications due to the utilization of a MOSFET output pass transistor with extremely low Rds(on). Dropout voltages of 0.45V at 10 amps are typical, in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1.5% maximum initial output voltage tolerance that varies only –2% with temperature. The MSK 5010 series is packaged in a space efficient 5 pin SIP that is electrically isolated from the internal circuitry allowing direct heat sinking for maximum heat dissipation.

FEATURES:
• Extremely Low Dropout Voltage 0.45V @ 10 Amps
• Available in 3.3V, 5.0V and 12.0V versions
• Output Voltages Are Internally Set to –1.5% maximum
• TTL Level Enable Pin
• Electrically Isolated Case
• Low Quiescent Current
• Output Current to 10 Amps
• Available in Two Package Styles
• Available with Three Lead Form Options

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators




Similar Part No. - MSK5010-5ETD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
Available in 3.3V, 5.0V and 12.0V versions
logo
Anaren Microwave
MSK5010-5BTD ANAREN-MSK5010-5BTD Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-5BTS ANAREN-MSK5010-5BTS Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-5BTU ANAREN-MSK5010-5BTU Datasheet
743Kb / 7P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - MSK5010-5ETD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5020-3.3B MSK-MSK5020-3.3B Datasheet
268Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com