Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM1053 Datasheet (PDF) - ON Semiconductor

ESDM1053 Datasheet PDF - ON Semiconductor
Part # ESDM1053
Download  ESDM1053 Download
File Size   213.67 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection

ESDM1053 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDM1053 Datasheet PDF - ON Semiconductor

Part # ESDM1053
Download  ESDM1053 Click to download

File Size   213.67 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection

ESDM1053 Datasheet (HTML) - ON Semiconductor


ESDM1053 Product details

The ESDM1053 is designed to protect voltage sensitive components
from ESD. Excellent clamping capability, low leakage, and fast
response time provide best in class protection on designs that are
exposed to ESD. Because of its small size, it is suited for use in
smartphone, smart−watch, or many other portable / wearable
applications where board space comes at a premium.

Features
• Low Capacitance (5.5 pF Typ, I/O to GND)
• Small Body Outline Dimensions: − 01005 Size: 0.435 x 0.230 mm
• Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
• Low ESD Clamping Voltage
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - ESDM1053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDM1131 ONSEMI-ESDM1131 Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
ESDM1131MX4T5G ONSEMI-ESDM1131MX4T5G Datasheet
314Kb / 7P
3.3 V ESD Protection Diodes
March, 2018 ??Rev. 1
More results


Similar Description - ESDM1053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
ESD Protection Diodes
May, 2017 ??Rev. 0
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
ESD Protection Diodes
May, 2016 ??Rev. 8
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
ESD Protection Diodes
November, 2016 ??Rev. 0
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESDM3551 ONSEMI-ESDM3551 Datasheet
303Kb / 9P
5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection
September, 2022 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com