Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM1053 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDM1053
Description  ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM1053 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDM1053 Datasheet HTML 1Page - ON Semiconductor ESDM1053 Datasheet HTML 2Page - ON Semiconductor ESDM1053 Datasheet HTML 3Page - ON Semiconductor ESDM1053 Datasheet HTML 4Page - ON Semiconductor ESDM1053 Datasheet HTML 5Page - ON Semiconductor ESDM1053 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESDM1053
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. ESD Clamping Voltage
Positive 8 kV Contact per IEC61000−4−2
Figure 2. ESD Clamping Voltage
Negative 8 kV Contact per IEC61000−4−2
TIME (ns)
TIME (ns)
140
120
100
80
60
20
0
−20
−30
−10
0
10
20
30
40
50
−50
−40
−30
−20
−10
0
10
30
Figure 3. Positive 100 ns TLP I−V Curve
Figure 4. Negative 100 ns TLP I−V Curve
VC TLP (V)
VC TLP (V)
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
14
10
8
6
4
2
0
0
5
10
15
20
25
30
Figure 5. Clamping Voltage vs. Peak Pulse
Current − Pin 1 to Pin 2 (tp = 8/20 ms)
Figure 6. Clamping Voltage vs. Peak Pulse
Current − Pin 2 to Pin 1 (tp = 8/20 ms)
IPK (A)
IPK (A)
6
5
4
3
1
0
0
2
4
6
7
8
9
7
6
5
4
3
1
0
0
2
3
5
6
8
9
40
180
160
140
120
100
80
60
20
0
−20
40
180
160
12
27
2
−20
20
13
11
9
7
5
3
1
13
9
7
5
3
111
1
3
5
7
4
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com