Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8650 Datasheet (PDF) - Maxim Integrated Products

MAX8650 Datasheet PDF - Maxim Integrated Products
Part # MAX8650
Download  MAX8650 Download
File Size   367.61 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency

MAX8650 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8650 Datasheet PDF - Maxim Integrated Products

Part # MAX8650
Download  MAX8650 Click to download

File Size   367.61 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency

MAX8650 Datasheet (HTML) - Maxim Integrated Products


MAX8650 Product details

General Description
The MAX8650 synchronous PWM buck controller operates from a 4.5V to 28V input and generates an adjustable 0.7V to 5.5V output voltage at loads up to 25A.
The MAX8650 uses a peak current-mode control architecture with an adjustable (200kHz to 1.2MHz) constant switching frequency and is externally synchronizable. The IC’s current limit uses the inductor’s DC resistance to improve efficiency or an external sense resistor for high accuracy. The current-limit threshold is adjusted with an external resistor. Foldback-type current limit can be implemented to reduce the power dissipation in overload or short-circuit conditions. Short-circuit protection is provided based on sensing the current in the low-side MOSFET. A reference input is provided for use with a high-accuracy external reference or for double-data-rate (DDR)-tracking applications.

Features
♦ Operates from 4.5V to 28V Supply
♦ 1% FB Voltage Accuracy Over Temperature
♦ Adjustable Output Voltage Down to 0.7V or REFIN
♦ Adjustable Switching Frequency or External Synchronization from 200kHz to 1.2MHz
♦ 180° Phase-Shifted Clock Output
♦ Adjustable Overcurrent Limit
♦ Adjustable Foldback Current Limit
♦ Adjustable Slope Compensation
♦ Selectable Current-Limit Mode: Latch-Off or Automatic Recovery
♦ Monotonic Output-Voltage Rise at Startup
♦ Output Sources and Sinks Current
♦ Enable Input
♦ Power-OK (POK) Output
♦ Adjustable Soft-Start
♦ Independently Adjustable Overvoltage Protection

Applications
   Base Stations
   DDR
   Network and Telecom
   Power Modules
   Storage
   IBA Applications
   Servers




Similar Part No. - MAX8650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
Compact, Dual-Output Charge Pump
Rev 1; 7/97
MAX8653 MAXIM-MAX8653 Datasheet
133Kb / 1P
Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches
Rev 0; 7/07
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
220Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
More results


Similar Description - MAX8650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Texas Instruments
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
TPS54335 TI1-TPS54335_13 Datasheet
1Mb / 40P
4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
logo
Linear Technology
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Maxim Integrated Produc...
MAX17557 MAXIM-MAX17557 Datasheet
793Kb / 21P
4.5V to 60V, Synchronous Step-Down Controller
Rev 0; 6/17
logo
Monolithic Power System...
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
logo
Shenzhen Huazhimei Semi...
HM3126 HMSEMI-HM3126 Datasheet
1Mb / 6P
4.5V to 80V Input 1.25A Asynchronous Step-down Controller
logo
Maxim Integrated Produc...
MAX17557 MAXIM-MAX17557_V01 Datasheet
750Kb / 25P
4.5V to 60V, Synchronous Step-Down Controller
2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com