Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX865 Datasheet (PDF) - Maxim Integrated Products

MAX865 Datasheet PDF - Maxim Integrated Products
Part # MAX865
Download  MAX865 Download
File Size   89.5 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, Dual-Output Charge Pump

MAX865 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX865 Datasheet PDF - Maxim Integrated Products

Part # MAX865
Download  MAX865 Click to download

File Size   89.5 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Compact, Dual-Output Charge Pump

MAX865 Datasheet (HTML) - Maxim Integrated Products


MAX865 Product details

General Description
The MAX865 is a CMOS charge-pump DC-DC converter in an ultra-small µMAX package. It produces positive and negative outputs from a single positive input, and requires only four capacitors. The charge pump first doubles the input voltage, then inverts the doubled voltage. The input voltage ranges from +1.5V to +6.0V.
The internal oscillator is guaranteed to be between 20kHz and 38kHz, keeping noise above the audio range while consuming minimal supply current. A 75Ω output impedance permits useful output currents up to 20mA.
The MAX865 comes in a 1.11mm-high, 8-pin µMAX package that occupies half the board area of a standard 8-pin SOIC. For a device with selectable frequencies and logic-controlled shutdown, refer to the MAX864 data sheet.

Features
♦ 1.11mm-High µMAX Package
♦ Compact: Circuit Fits in 0.08in2
♦ Requires Only Four Capacitors
♦ Dual Outputs (positive and negative)
♦ +1.5V to +6.0V Input Voltage
♦ 20kHz (min) Frequency (above the audio range)

Applications
   Low-Voltage GaAsFET Bias in Wireless Handsets
   VCO and GaAsFET Supplies
   Split Supply from 3 Ni Cells or 1 Li+ Cell
   Low-Cost Split Supply for Low-Voltage
      Data-Acquisition Systems
   Split Supply for Analog Circuitry
   LCD Panels




Similar Part No. - MAX865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
MAX8650EEG MAXIM-MAX8650EEG Datasheet
367Kb / 25P
4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
MAX8653 MAXIM-MAX8653 Datasheet
133Kb / 1P
Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches
Rev 0; 7/07
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results


Similar Description - MAX865

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Semtech Corporation
SC1462 SEMTECH-SC1462 Datasheet
95Kb / 9P
HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC1462 SEMTECH-SC1462_05 Datasheet
221Kb / 10P
High Output Current Charge Pump Doubler
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
Fixed 5.3V Output Charge Pump Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com