Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK613 Datasheet (PDF) - M.S. Kennedy Corporation

MSK613 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK613
Download  MSK613 Download
File Size   154.43 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER

MSK613 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK613 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK613
Download  MSK613 Click to download

File Size   154.43 Kbytes
Page   4 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER

MSK613 Datasheet (HTML) - M.S. Kennedy Corporation


MSK613 Product details

DESCRIPTION:
The MSK 613 is a high voltage/high speed amplifier designed to provide large voltage swings at high slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 613 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 613 achieves impressive settling time specifications by employing a feed forward A.C. path through the amplifier, however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater keeps the MSK 613 stable in this range. The MSK 613 is packaged in a space efficient, hermetically sealed, 36 pin flatpack.

FEATURES:
• Ultra Low Quiescent Current - –10mA for High Voltage
• 80V Peak to Peak Output Voltage Swing
• Slew Rate - 3500V/µS Typical
• Input Offset Voltage Only - –1mV Typ.
• Output Current - 150mA Peak Typ.
• Adjustable VHV Power Supply Minimizes Power Dissipation

TYPICAL APPLICATIONS
• Fast Settling High Voltage Amplifier
• High Resolution CRT Monitor
• Ultra High Performance Video Processing
• CRT Beam Intensity Control
• Varactor Tuned VCO Driver
• Automatic Test Equipment




Similar Part No. - MSK613

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK613 ANAREN-MSK613 Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
MSK613H ANAREN-MSK613H Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK613 MSK-MSK613_15 Datasheet
204Kb / 4P
Ultra Low Quiescent Current - 짹10mA for High Voltage
More results


Similar Description - MSK613

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3584 BURR-BROWN-3584 Datasheet
52Kb / 6P
High Voltage, High Speed OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448_11 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK613 ANAREN-MSK613 Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
logo
Analog Technologies, In...
AHVAHS2KV2X20MA ANALOGTECHNOLOGIES-AHVAHS2KV2X20MA Datasheet
522Kb / 6P
High Voltage High Speed Amplifier/Piezo Driver
1/7/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com