Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK613 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK613
Description  HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK613 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK613 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK613 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK613 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK613 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The MSK 613 is a high voltage/high speed amplifier designed to provide large voltage swings at high slew rates in
wideband systems. The true inverting op-amp topology employed in the MSK 613 provides excellent D.C. specifica-
tions such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used
in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 613 achieves
impressive settling time specifications by employing a feed forward A.C. path through the amplifier, however, the
device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or
greater keeps the MSK 613 stable in this range. The MSK 613 is packaged in a space efficient, hermetically sealed,
36 pin flatpack.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Ultra Low Quiescent Current - ±10mA for High Voltage
80V Peak to Peak Output Voltage Swing
Slew Rate - 3500V/µS Typical
Input Offset Voltage Only - ±1mV Typ.
Output Current - 150mA Peak Typ.
Adjustable VHV Power Supply Minimizes Power Dissipation
HIGH VOLTAGE/HIGH SPEED
SURFACE MOUNT AMPLIFIER
613
ISO 9001 CERTIFIED BY DSCC
Rev. B 8/00
1
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
Fast Settling High Voltage Amplifier
High Resolution CRT Monitor
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
9
N/C
COMP
N/C
+VCC
N/C
N/C
CASE GND
GND
N/C
PIN-OUT INFORMATION
10
11
12
13
14
15
16
17
18
N/C
-VCC
N/C
N/C
INPUT
N/C
N/C
N/C
N/C
19
20
21
22
23
24
25
26
27
N/C
-VHV
-VHV
-VSC
-VSC
GND
GND
N/C
VOUT
28
29
30
31
32
33
34
35
36
VOUT
N/C
CASE GND
GND
+VSC
+VSC
+VHV
+VHV
N/C
EQUIVALENT SCHEMATIC


Similar Part No. - MSK613

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK613 ANAREN-MSK613 Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
MSK613H ANAREN-MSK613H Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK613 MSK-MSK613_15 Datasheet
204Kb / 4P
Ultra Low Quiescent Current - 짹10mA for High Voltage
More results

Similar Description - MSK613

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
3584 BURR-BROWN-3584 Datasheet
52Kb / 6P
High Voltage, High Speed OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1902 MSK-MSK1902 Datasheet
257Kb / 6P
HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448_11 Datasheet
501Kb / 2P
SURFACE MOUNT ULTRA HIGH SPEED
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK613 ANAREN-MSK613 Datasheet
204Kb / 4P
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
logo
Analog Technologies, In...
AHVAHS2KV2X20MA ANALOGTECHNOLOGIES-AHVAHS2KV2X20MA Datasheet
522Kb / 6P
High Voltage High Speed Amplifier/Piezo Driver
1/7/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com