Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5200-ETS Datasheet (PDF) - M.S. Kennedy Corporation

MSK5200-ETS Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5200-ETS
Download  MSK5200-ETS Download
File Size   267.58 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5200-ETS Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5200-ETS Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5200-ETS
Download  MSK5200-ETS Click to download

File Size   267.58 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS

MSK5200-ETS Datasheet (HTML) - M.S. Kennedy Corporation


MSK5200-ETS Product details

DESCRIPTION:
The MSK 5200 Series offers ultra low dropout voltages on both the positive and negative regulators. This, combined with the low θJC, allows increased output current while providing exceptional device efficiency. Because of the increased efficiency, a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board space. Output voltages are internally trimmed to ±1% maximum resulting in consistent and accurate operation. Addition ally, both regulators offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for external components and excessive derating.

FEATURES:
● Ultra Low Dropout Voltage
● Internal Short Circuit Current Limit
● Output Voltages Are Internally Set To ±1% Maximum
● Electrically Isolated Case
● Internal Thermal Overload Protection
● Many Output Voltage Combinations
● Alternate Package and Lead Form Configurations Available

TYPICAL APPLICATIONS
● High Efficiency Linear Regulators
● Constant Voltage/Current Regulators
● System Power Supplies
● Switching Power Supply Post Regulators




Similar Part No. - MSK5200-ETS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
MSK5200HTD ETC1-MSK5200HTD Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200HTS ETC1-MSK5200HTS Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5200HTU ETC1-MSK5200HTU Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results


Similar Description - MSK5200-ETS

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
logo
Advanced Power Electron...
APU8852 A-POWER-APU8852 Datasheet
210Kb / 6P
150mA ULTRA LOW DROPOUT POSITIVE FIXED REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com