Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet (PDF) - M.S. Kennedy Corporation

5000 Datasheet PDF - M.S. Kennedy Corporation
Part # 5000
Download  5000 Download
File Size   352.05 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS

5000 Datasheet (PDF)

Go To PDF Page Download Datasheet
5000 Datasheet PDF - M.S. Kennedy Corporation

Part # 5000
Download  5000 Click to download

File Size   352.05 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS

5000 Datasheet (HTML) - M.S. Kennedy Corporation


5000 Product details

DESCRIPTION:
The MSK5000 Series offers low dropout voltages on both the positive and negative regulators. This, combined with the low θJC, allows increased output current while providing exceptional device effciency. Because of the increased effciency, a small hermetic 5 pin package can be used providing maximum performance while occupying minimal board space. Output voltages are internally trimmed to ±1% maximum resulting in consistent and accurate operation. Additionally, both regulators offer internal short circuit current and thermal limiting, which allows circuit protection and eliminates the need for external components and excessive derating.

FEATURES:
• Dual Low Dropout Voltage
• Internal Short Circuit Current Limit
• Output Voltages Are Internally Set To ±1% Max
• Electrically Isolated Case
• Internal Thermal Overload Protection
• Many Output Voltage Combinations
• Alternate Package and Lead Form Confgurations Available
• Equivalent Rad Hard Device MSK5930RH Series

TYPICAL APPLICATIONS
• High Effciency Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators




Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
5000 TI1-5000 Datasheet
249Kb / 12P
bq2026 Evaluation Software
More results


Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com