Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # 5000
Description  DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

5000 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  5000 Datasheet HTML 1Page - M.S. Kennedy Corporation 5000 Datasheet HTML 2Page - M.S. Kennedy Corporation 5000 Datasheet HTML 3Page - M.S. Kennedy Corporation 5000 Datasheet HTML 4Page - M.S. Kennedy Corporation 5000 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Dual Low Dropout Voltage
Internal Short Circuit Current Limit
Output Voltages Are Internally Set To ±1% Max
Electrically Isolated Case
Internal Thermal Overload Protection
Many Output Voltage Combinations
Available Fully Qualified to Mil-PRF-38534
Alternate Package and Lead Form Configurations Available
High Efficiency Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
1
2
3
4
5
+Vin
+Vout
GND
-Vin
-Vout
5000
SERIES
DUAL POSITIVE/NEGATIVE,
3 AMP, LOW DROPOUT
FIXED VOLTAGE REGULATORS
DESCRIPTION:
The MSK 5000 Series offers low dropout voltages on both the positive and negative regulators. This, combined
with the low θJC, allows increased output current while providing exceptional device efficiency. Because of the
increased efficiency, a small hermetic 5 pin package can be used providing maximum performance while occupying
minimal board space. Output voltages are internally trimmed to ±1% maximum resulting in consistent and accurate
operation. Additionally, both regulators offer internal short circuit current and thermal limiting, which allows circuit
protection and eliminates the need for external components and excessive derating.
ISO-9001 CERTIFIED BY DSCC
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
1
Rev. E 7/00


Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5000 TI-5000 Datasheet
149Kb / 8P
Simple Power Solution Using LDOs
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
5000 TI1-5000 Datasheet
249Kb / 12P
bq2026 Evaluation Software
More results

Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1R17A SEME-LAB-IP1R17A Datasheet
32Kb / 4P
3 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ1587 SEMTECH-EZ1587 Datasheet
86Kb / 5P
3.0 AMP LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7500SC ETC-OM7500SC Datasheet
52Kb / 5P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
1A Fixed Low Dropout Positive Voltage Regulators
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com