Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2004 Datasheet (PDF) - Vishay Siliconix

DG2004 Datasheet PDF - Vishay Siliconix
Part # DG2004
Download  DG2004 Download
File Size   74.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Dual SPST Analog Switch

DG2004 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2004 Datasheet PDF - Vishay Siliconix

Part # DG2004
Download  DG2004 Click to download

File Size   74.38 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Dual SPST Analog Switch

DG2004 Datasheet (HTML) - Vishay Siliconix


DG2004 Product details

features
• Low Voltage Operation (1.8 V to 5.5 V)
• Low On-Resistance - rDS(on): 1.2 Ω
• Fast Switching - 14 ns
• Low Charge Injection - QINJ: 1 pC
• Low Power Consumption
• TTL/CMOS Compatible
• MSOP-8 Package

benefits
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space

applications
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• Sample and Hold Circuits

description
The DG2003/2004/2005 are dual single-pole/single-throw
monolithic CMOS analog switch designed for high
performance switching of analog signals. Combining low
power, fast switching, low on-resistance (rDS(on): 1.2Ω) and
small physical size (MSOP-8), the DG2003/2004/2005 are
ideal for portable and battery powered applications requiring
high performance and efficient use of board space.
The DG2003/2004/2005 are built on Vishay Siliconix’s low
voltage JI2 process. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.




Similar Part No. - DG2004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2004DQ VISHAY-DG2004DQ Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results


Similar Description - DG2004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
Low-Voltage Dual SPST Analog Switch
14-May-07
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com