Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2004 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2004
Description  Low-Voltage Dual SPST Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2004 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2004 Datasheet HTML 1Page - Vishay Siliconix DG2004 Datasheet HTML 2Page - Vishay Siliconix DG2004 Datasheet HTML 3Page - Vishay Siliconix DG2004 Datasheet HTML 4Page - Vishay Siliconix DG2004 Datasheet HTML 5Page - Vishay Siliconix DG2004 Datasheet HTML 6Page - Vishay Siliconix DG2004 Datasheet HTML 7Page - Vishay Siliconix DG2004 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DG2003/2004/2005
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71754
S-05298—Rev. B, 17-Dec-01
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions
Otherwise Unless Specified
Limits
–40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.8 or 2.4 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
On-Resistance
rON
V+ = 4.5 V, VCOM = 3 V, INO, INC = 10 mA
Room
Full
1.2
1.6
2.5
2.7
W
rON Flatnessd
rON
Flatness
V+ = 4.5 V, VCOM = 0 to V+, INO, INC = 10 mA
Room
0.2
W
INO(off),
INC(off)
V+ = 5.5 V
Room
Full
–1.0
–8.0
1.0
8.0
Switch Off Leakage Current
ICOM(off)
V+ = 5.5 V
VNO, VNC = 1 V/4.5 V, VCOM = 4.5 V/1 V
Room
Full
–1.0
–8.0
1.0
8.0
nA
Channel-On Leakage Current
ICOM(on)
V+ = 5.5 V, V+ = 5.5 V
VNO, VNC = VCOM = 1 V/4.5 V
Room
Full
–1.0
–8.0
1.0
8.0
Digital Control
Input High Voltage
VINH
Full
2.4
Input Low Voltage
VINL
Full
0.8
V
Input Capacitance
Cin
Full
5
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
–1
1
mA
Dynamic Characteristics
Turn-On Timed
tON
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Room
Full
13
28
31
Turn-Off Timed
tOFF
VNO or VNC = 3 V, RL = 300 W, CL = 35 pF
Figure 1 and 2
Room
Full
19
22
31
ns
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 W, Figure 3
Room
1
pC
Off-Isolationd
OIRR
W
Room
–61
Crosstalkd
XTALK
RL = 50 W, CL = 5 pF, f = 1 MHz
Room
–67
dB
Source-Off Capacitanced
CNO(off),
CNC(off)
VIN = 0 or V+, f = 1 MHz
Room
51
pF
Channel-On Capacitanced
CON
VIN = 0 or V+, f = 1 MHz
Room
110
pF
Power Supply
Power Supply Range
V+
4.5
5.5
V
Power Supply Current
I+
0.02
1.0
mA
Power Consumption
PC
VIN = 0 or V+
5.5
mW
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Guaranteed by 5-V leakage testing, not production tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com