Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M64894GP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M64894GP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M64894GP
Download  M64894GP Download
File Size   48.89 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR

M64894GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M64894GP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M64894GP
Download  M64894GP Click to download

File Size   48.89 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR

M64894GP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M64894GP Product details

DESCRIPTION
The M64894 is a semiconductor integrated circuit consisting of PLL frequency synthesizer for TV/VCR using I2C BUS control. It contains the prescaler with operating up to 1.3GHz, 4 band drivers and tuning Amplifier for direct tuning. Built-in 4 band drivers.

FEATURES
• 4 integrated PNP band drivers (Io=40mA,Vsat=0.2V typ@Vcc1 to 13.2V)
• Built-in high-withstanding voltage tuning Amplifier
• Low power dissipation (Icc=20mA, Vcc=5V)
• Built-in prescaler with input amplifier (Fmax=1.3GHz)
• I2C bus control (Read and write mode)
• X’tal 4MHz is used to realize 3 type of tuning steps (Division ratio 1/512, 1/640, 1/1024)
• Built-in 5-level A/D converter
• Programmable chip address
• 16-pin small SOP/SSOP package

FUNCTION
• 2-modulus prescaler (1/32 and 1/33)
• Built-in 4MHz crystal oscillator and reference divider
• Programmable divider (10-bit M counter, 5-bit S counter)
• Tri-state phase comparator
• Lock detector
• Band switch driver
• Op. Amp for direct tuning
• I2C bus receiver
• 5-level A/D converter

APPLICATION
   TV, VCR tuners




Similar Part No. - M64894GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64894GP RENESAS-M64894GP Datasheet
125Kb / 13P
Serial Input PLL Frequency Synthesizer for TV/VCR
More results


Similar Description - M64894GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
fujitsu semiconductor
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
Serial Input PLL Frequency Synthesizer for TV/VCR
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com